Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL-LX5093SRC-X Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX5093SRC-X
Description  5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX5093SRC-X Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX5093SRC-X Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2- 0.5 0.020
0.70 0.028 MAX.
2.54 0.100
CATHODE
5 0.197
ELECTRO-OPTICAL CHARACTERISTIC TA=25
ABSOLUTE MAXIMUM RATINGS TA=25
*t<10us
**2.0mm FROM BODY
PARAMETER
MIN TYP MAX
UNITS
TEST COND
PEAK WAVELENGTH
-
660
-
nm
If=20mA
FORWARD VOLTAGE
-
1.7
2.2
Vf
If=20mA
REVERSE VOLTAGE
-
-
4
Vr
Ir=100uA
LUMINOUS INTENSITY
/DU
-
1200
-
mcd
If=20mA
/DV
-
1500
-
/DW
-
1800
-
VIEWING ANGLE
-
30
-
2x theta1/2
-
EMITTED COLOR
RED
EPOXY LENS FINISH WATER CLEAR
PARAMETER
MAX
UNITS
PEAK FORWARD CURRENT*
150
mA
FORWARD CURRENT
30
mA
POWER DISIPATION
100
mW
STORAGE TEMPERATURE
-40 TO +85
OPERATING TEMPERATURE
-40 TO +85
SOLDERING TEMPERATURE**
3 SEC. MAX. @260
SCALE :
mm [INCH]
DATE:
DRAWN BY:
425 N. GARY AVE.
CAROL STREAM, IL 60188
PHONE:800-278-5666
FAX:630-315-2150
WEB:WWW.LUMEX.COM
5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
**THE SPECIFICATIONS MAY CHANGE AT ANY TIME WITHOUT NOTICE DUE TO NEW MATERIALS OR PRODUCT IMPROVEMENT.**
CONFIDENTIAL INFORMATION
THE INFORMATION CONTAINED IN THIS DOCUMENT IS THE PROPERTY OF LUMEX INC. EXCEPT AS SPECIFICALLY AUTHORIZED IN WRITING BY LUMEX INC., THE HOLDER OF THIS DOCUMENT SHALL
KEEP ALL INFORMATION CONTAINED HEREIN CONFIDENTIAL AND SHALL PROTECT SAME IN WHOLE OR IN PART FROM DISCLOSURE AND DISSEMINATION TO ALL THIRD PARTIES.
CHKD BY:
APRVD BY:
PAGE:
UNIT:
*UNLESS OTHERWISE SPECIFIED TOLERANCES PER DECIMAL PRECISION ARE: X=±1 (±0.039), X.X=±0.5 (±0.020), X.XX=±0.25 (±0.010), X.XXX=±0.127 (±0.005). LEAD SIZE=±0.05 (±0.002), LEAD LENGTH=±0.75 (±0.030). MIN=
MAX.=
+DECIMAL PRECISION
-0.00
+0.00
-DECIMAL PRECISION
NTF
Pb
PART NUMBER
REV
SSL-LX5093SRC/X
G
2017.08.25
1 OF 1
C.C.
G.Y.
E.C.
REV
DATE
E.C.N. NUMBER AND REVISION COMMENTS
UPDATED SPECS.
A
01.05.95
B
E.C.N. #10251.
09.30.96
C
E.C.N. #10BRDR. & REDRAWN IN 3D.
05.31.01
D
E.C.N. #10788.
09.13.01
E
E.C.N. #11148.
10.25.06
F
E.C.N. #10BRDR. & REDRAWN.
09.27.12
G
ECN-Lumex201700061
08.24.17


Similar Part No. - SSL-LX5093SRC-X

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5093SRC-E LUMEX-SSL-LX5093SRC-E Datasheet
254Kb / 1P
   5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-E-TB LUMEX-SSL-LX5093SRC-E-TB Datasheet
274Kb / 1P
   5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-F LUMEX-SSL-LX5093SRC-F Datasheet
419Kb / 1P
   5.9W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
More results

Similar Description - SSL-LX5093SRC-X

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX5093SRC-E-TB LUMEX-SSL-LX5093SRC-E-TB Datasheet
274Kb / 1P
   5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC39240 LUMEX-SSL-LX5093SRC39240 Datasheet
419Kb / 1P
   5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-E LUMEX-SSL-LX5093SRC-E Datasheet
254Kb / 1P
   5.6W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRC-F LUMEX-SSL-LX5093SRC-F Datasheet
419Kb / 1P
   5.9W*8.6H, QUASARBRITE T-5mm (T-1 3/4) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093UWC LUMEX-SSL-LX5093UWC Datasheet
402Kb / 1P
   5.8W*8.6H, QUASARBRITE T-5mm (T-1 3/4), WHITE LED, WATER CLEAR LENS
SSL-LX5093UWC-A LUMEX-SSL-LX5093UWC-A Datasheet
402Kb / 1P
   5.8W*8.6H, QUASARBRITE T-5mm (T-1 3/4), WHITE LED, WATER CLEAR LENS.
SSL-LX3054SRC LUMEX-SSL-LX3054SRC Datasheet
53Kb / 2P
   T-3mm (T-1) 660nm SUPER RED LED, WATER CLEAR LENS.
SSL-LX5093SRD LUMEX-SSL-LX5093SRD Datasheet
69Kb / 1P
   QUASARBRITE T-5mm 660nm SUPER RED LED, RED DIFFUSED LENS
logo
List of Unclassifed Man...
SSL-LX5063SRD ETC1-SSL-LX5063SRD Datasheet
48Kb / 1P
   T-5mm (T-1 3/4) 660nm SUPER RED LED, RED DIFFUSED FREZNEL LENS
SSL-LX433SRD ETC1-SSL-LX433SRD Datasheet
48Kb / 1P
   T-5mm (T-1 3/4) 660nm SUPER RED LED, RED DIFFUSED FREZNEL LENS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com