Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2356 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2356
Description  Silicon Complementary Transistors Digital w/2 Built-In 10k Bias Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2356 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2356 Datasheet HTML 1Page - NTE Electronics NTE2356 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2355 (NPN) & NTE2356 (PNP)
Silicon Complementary Transistors
Digital w/2 Built–In 10k Bias Resistors
Features:
D Built–In Bias Resistor (R1 = 10kΩ, R2 = 10kΩ)
D Small–Sized Package (TO92 type)
Applications:
D Switching Circuit
D Inverter
D Interface Circuit
D Driver
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector to Base Voltage, VCBO
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector to Emitter Voltage, VCEO
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter to Base Voltage, VEBO
10V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak
200mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Dissipation, PC
300mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +160°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cutoff Current
ICBO
VCB = 40V, IE = 0
0.1
µA
ICEO
VCE = 40V, IB = 0
0.5
µA
Emitter Cutoff Current
IEBO
VEB = 5V, IC = 0
170
250
330
µA
DC Current Gain
hFE
VCE = 5V, IC = 10mA
50
Gain Band–width Product
NTE2355
fT
VCE = 10V, IC = 5mA
250
MHz
NTE2356
200
MHz
Output Capacitance
NTE2355
Cob
VCB = 10V, f = 1MHz
3.7
pF
NTE2356
5.5
pF


Similar Part No. - NTE2356

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE235 NTE-NTE235 Datasheet
20Kb / 2P
   Silicon NPN Transistor Final RF Power Output
NTE2350 NTE-NTE2350 Datasheet
26Kb / 2P
   Silicon Darlington Transistors High Current, General Purpose
NTE2351 NTE-NTE2351 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
NTE2352 NTE-NTE2352 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
NTE2353 NTE-NTE2353 Datasheet
21Kb / 2P
   Silicon NPN Transistor TV Horizontal Deflection Output w/Damper Diode
More results

Similar Description - NTE2356

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2414 NTE-NTE2414 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In Bias 10k Resistors (Surface Mount)
NTE2369 NTE-NTE2369 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 4.7k Bias Resistors
NTE2359 NTE-NTE2359 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 47k Bias Resistors
NTE2357 NTE-NTE2357 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 22k Bias Resistors
NTE2367 NTE-NTE2367 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In 4.7k Bias Resistors
NTE352 NTE-NTE352 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In Bias 47k Resistors (Surface Mount)
NTE2418 NTE-NTE2418 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Digital w/2 Built-In Bias 47k Resistors (Surface Mount)
logo
Unisonic Technologies
DTA144E UTC-DTA144E Datasheet
101Kb / 3P
   DIGITAL TRANSISTORS (BUILT-IN BIAS RESISTORS)
DTA114T UTC-DTA114T Datasheet
160Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTB123Y UTC-DTB123Y Datasheet
90Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com