Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7678CBZ Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-AD7678CBZ
Description  18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7678CBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-AD7678CBZ Datasheet HTML 4Page - Analog Devices EVAL-AD7678CBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7678CBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7678CBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7678CBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7678CBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7678CBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7678CBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7678CBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD7678
Rev. A | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5. AD7678 Absolute Maximum Ratings1
Parameter
Rating
Analog Inputs
IN+2, IN–2, REF, REFBUFIN, REFGND
to AGND
AVDD + 0.3 V to
AGND – 0.3 V
Ground Voltage Differences
AGND, DGND, OGND
±0.3 V
Supply Voltages
AVDD, DVDD, OVDD
–0.3 V to +7 V
AVDD to DVDD, AVDD to OVDD
±7 V
DVDD to OVDD
–0.3 V to +7 V
Digital Inputs
–0.3 V to DVDD + 0.3 V
Internal Power Dissipation3
700 mW
Internal Power Dissipation4
2.5 W
Junction Temperature
150°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature Range
(Soldering 10 sec)
300°C
1Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those
indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
2See Analog Inputs section.
3Specification is for device in free air: 48-Lead LQFP: θJA = 91°C/W,
θJC = 30°C/W.
4 Specification is for device in free air: 48-Lead LFCSP: θJA = 26°C/W.
TO OUTPUT
PIN
CL
60pF1
500
A
IOH
1.6mA
IOL
1.4V
IN SERIAL INTERFACE MODES,THE SYNC, SCLK, AND
SDOUT TIMINGS ARE DEFINED WITH A MAXIMUM LOAD
CL OF 10pF; OTHERWISE,THE LOAD IS 60pF MAXIMUM.
1
03084–0–002
Figure 2. Load Circuit for Digital Interface Timing,
SDOUT, SYNC, SCLK Outputs, CL = 10 pF
0.8V
2V
2V
0.8V
t
DELAY
2V
0.8V
t
DELAY
03084–0–003
Figure 3. Voltage Reference Levels for Timing
ESD CAUTION


Similar Part No. - EVAL-AD7678CBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7671CB AD-EVAL-AD7671CB Datasheet
1Mb / 15P
   Evaluation Board AD766X/AD767X
REV. PrK
EVAL-AD7671CB AD-EVAL-AD7671CB Datasheet
335Kb / 24P
   16-Bit, 1 MSPS CMOS ADC
REV. B
EVAL-AD7674CBZ AD-EVAL-AD7674CBZ Datasheet
587Kb / 29P
   18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
EVAL-AD7674CBZ2 AD-EVAL-AD7674CBZ2 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
EVAL-AD7674CBZ2 AD-EVAL-AD7674CBZ2 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
More results

Similar Description - EVAL-AD7678CBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7679 AD-AD7679 Datasheet
556Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD7674 AD-AD7674_17 Datasheet
587Kb / 29P
   18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
AD7674 AD-AD7674 Datasheet
1Mb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. 0
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7679ASTZ AD-AD7679ASTZ Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7674AST AD-AD7674AST Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7679 AD-AD7679_17 Datasheet
506Kb / 29P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com