Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-AD7674CBZ Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-AD7674CBZ
Description  18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7674CBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-AD7674CBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7674CBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7674CBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7674CBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7674CBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7674CBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7674CBZ Datasheet HTML 12Page - Analog Devices EVAL-AD7674CBZ Datasheet HTML 13Page - Analog Devices EVAL-AD7674CBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Data Sheet
AD7674
Rev. B | Page 9 of 28
Pin No.
Mnemonic
Type1
Description
11, 12
D4/DIVSCLK[0],
D5/DIVSCLK[1]
DI/O
In all modes except Mode 3, these pins are Bit 4 and Bit 5 of the parallel port data output bus. In
Mode 3, serial interface mode, when EXT/INT is low and RDC/SDIN is low (serial master read after
convert), these inputs, part of the serial port, are used to slow down, if desired, the internal serial
clock that clocks the data output. In other serial modes, these pins are not used.
13
D6/EXT/INT
DI/O
In all modes except Mode 3, this output is used as Bit 6 of the parallel port data output bus. In Mode 3,
serial interface mode, this input, part of the serial port, is used as a digital select input for choosing the
internal data clock or an external data clock. With EXT/INT tied low, the internal clock is selected on
the SCLK output. With EXT/INT set to a logic high, the output data is synchronized to an external clock
signal connected to the SCLK input.
14
D7/INVSYNC
DI/O
In all modes except Mode 3, this output is used as Bit 7 of the parallel port data output bus. In Mode 3,
serial interface mode, this input, part of the serial port, is used to select the active state of the
SYNC signal. When low, SYNC is active high. When high, SYNC is active low.
15
D8/INVSCLK
DI/O
In all modes except Mode 3, this output is used as Bit 8 of the parallel port data output bus. In Mode 3,
serial interface mode, this input, part of the serial port, is used to invert the SCLK signal. It is active in
both master and slave mode.
16
D9/RDC/SDIN
DI/O
In all modes except Mode 3, this output is used as Bit 9 of the parallel port data output bus. In Mode 3,
serial interface mode, this input, part of the serial port, is used as either an external data input or a
read mode selection input depending on the state of EXT/INT. When EXT/INT is high, RDC/SDIN can be
used as a data input to daisy-chain the conversion results from two or more ADCs onto a single
SDOUT line. The digital data level on SDIN is output on SDOUT with a delay of 18 SCLK periods after
the initiation of the read sequence. When EXT/INT is low, RDC/SDIN is used to select the read mode.
When RDC/SDIN is high, the data is output on SDOUT during conversion. When RDC/SDIN is low, the
data can be output on SDOUT only when the conversion is complete.
17
OGND
P
Input/Output Interface Digital Power Ground.
18
OVDD
P
Output Interface Digital Power. Nominally at the same supply as the host interface (5 V or 3 V). Should
not exceed DVDD by more than 0.3 V.
19
DVDD
P
Digital Power. Nominally at 5 V.
20
DGND
P
Digital Power Ground.
21
D10/SDOUT
DO
In all modes except Mode 3, this output is used as Bit 10 of the parallel port data output bus. In Mode 3,
serial interface mode, this output, part of the serial port, is used as a serial data output synchronized
to SCLK. Conversion results are stored in an on-chip register. The AD7674 provides the conversion
result, MSB first, from its internal shift register. The data format is determined by the logic level of
OB/2C. In serial mode when EXT/INT is low, SDOUT is valid on both edges of SCLK. In serial mode
when EXT/INT is high and INVSCLK is low, SDOUT is updated on the SCLK rising edge and is valid on
the next falling edge; if INVSCLK is high, SDOUT is updated on the SCLK falling edge and is valid on the
next rising edge.
22
D11/SCLK
DI/O
In all modes except Mode 3, this output is used as Bit 11 of the parallel port data output bus. In Mode 3,
serial interface mode, this pin, part of the serial port, is used as a serial data clock input or output,
dependent upon the logic state of the EXT/INT pin. The active edge where the data SDOUT is updated
depends upon the logic state of the INVSCLK pin.
23
D12/SYNC
DO
In all modes except Mode 3, this output is used as Bit 12 of the parallel port data output bus. In Mode 3,
serial interface mode, this output, part of the serial port, is used as a digital output frame synchronization
for use with the internal data clock (EXT/INT = logic low). When a read sequence is initiated and INVSYNC is
low, SYNC is driven high and remains high while the SDOUT output is valid. When a read sequence is
initiated and INVSYNC is high, SYNC is driven low and remains low while SDOUT output is valid.
24
D13/RDERROR
DO
In all modes except Mode 3, this output is used as Bit 13 of the parallel port data output bus. In
Mode 3, serial interface mode, and when EXT/INT is high, this output, part of the serial port, is used as
an incomplete read error flag. In slave mode, when a data read is started and not complete when the
following conversion is complete, the current data is lost and RDERROR is pulsed high.
25 to
28
D14 to D17
DO
Bit 14 to Bit 17 of the Parallel Port Data Output Bus. These pins are always outputs regardless of the
interface mode.
29
BUSY
DO
Busy Output. Transitions high when a conversion is started. Remains high until the conversion is
complete and the data is latched into the on-chip shift register. The falling edge of BUSY can be used
as a data ready clock signal.
30
DGND
P
Must Be Tied to Digital Ground.
31
RD
DI
Read Data. When CS and RD are both low, the interface parallel or serial output bus is enabled.


Similar Part No. - EVAL-AD7674CBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7674CBZ2 AD-EVAL-AD7674CBZ2 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
EVAL-AD7674CBZ2 AD-EVAL-AD7674CBZ2 Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
More results

Similar Description - EVAL-AD7674CBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674 Datasheet
1Mb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. 0
AD7674AST AD-AD7674AST Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7679 AD-AD7679 Datasheet
556Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7679ASTZ AD-AD7679ASTZ Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7678 AD-AD7678 Datasheet
437Kb / 29P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
AD7679 AD-AD7679_17 Datasheet
506Kb / 29P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com