Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7674ASTZL Datasheet(PDF) 18 Page - Analog Devices

Part # AD7674ASTZL
Description  18-Bit, 2.5 LSB INL, 800 kSPS, SAR ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7674ASTZL Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7674ASTZL Datasheet HTML 14Page - Analog Devices AD7674ASTZL Datasheet HTML 15Page - Analog Devices AD7674ASTZL Datasheet HTML 16Page - Analog Devices AD7674ASTZL Datasheet HTML 17Page - Analog Devices AD7674ASTZL Datasheet HTML 18Page - Analog Devices AD7674ASTZL Datasheet HTML 19Page - Analog Devices AD7674ASTZL Datasheet HTML 20Page - Analog Devices AD7674ASTZL Datasheet HTML 21Page - Analog Devices AD7674ASTZL Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
AD7674
Rev. B | Page 17 of 28
Transfer Functions
Except in 18-bit interface mode, the AD7674 offers straight
binary and twos complement output coding when using OB/2C.
See Figure 27 and Table 8 for the ideal transfer characteristic.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FS – 1.5 LSB
+FS – 1 LSB
–FS + 1 LSB
–FS
–FS + 0.5 LSB
03083-0-026
Figure 27. ADC Ideal Transfer Function
Table 8. Output Codes and Ideal Input Voltages
Description
Analog Input
VREF = 4.096 V
Straight
Binary
(Hex)
Twos
Complement
(Hex)
FSR − 1 LSB
4.095962 V
3FFFF1
1FFFF1
FSR − 2 LSB
4.095924 V
3FFFE
1FFFE
Midscale + 1 LSB
31.25 μV
20001
00001
Midscale
0 V
20000
00000
Midscale − 1 LSB
−31.25 μV
1FFFF
3FFFF
−FSR + 1 LSB
−4.095962 V
00001
20001
−FSR
−4.096 V
000002
200002
1 This is also the code for overrange analog input (VIN+ – VIN− above VREF
VREFGND).
2 This is also the code for underrange analog input (VIN+ – VIN− below –VREF +
VREFGND).
TYPICAL CONNECTION DIAGRAM
Figure 28 shows a typical connection diagram for the AD7674.
Different circuitry shown on this diagram is optional and is
discussed later in this data sheet.
AVDD
AGND
DGND
DVDD
OVDD
OGND
CNVST
BUSY
SDOUT
SCLK
RD
CS
RESET
PD
2.5V REF
NOTE 1
REFBUFIN
20
D
CLOCK
AD7674
C/P/DSP
SERIAL PORT
DIGITAL SUPPLY
(3.3V OR 5V)
ANALOG
SUPPLY
(5V)
DVDD
OB/2C
NOTE 6
PDBUF
DVDD
50k
100nF
1M
IN+
ANALOG INPUT+
CC
2.7nF
U1
NOTE 3
NOTE 4
50
AD8021
+
15
NOTE 2
NOTE 5
ADR421
10
F
100nF
+
10
 F
100nF
+
100nF
+
10
 F
IN–
ANALOG INPUT–
CC
2.7nF
U2
NOTE 3
NOTE 4
50
AD8021
+
15
50
100nF
NOTES
1. SEE VOLTAGE REFERENCE INPUT SECTION.
2. OPTIONAL CIRCUITRY FOR HARDWARE GAIN CALIBRATION.
3.THE AD8021 IS RECOMMENDED. SEE DRIVER AMPLIFIER CHOICE SECTION.
4. SEE ANALOG INPUTS SECTION.
5. OPTION, SEE POWER SUPPLY SECTION.
6. OPTIONAL LOW JITTER CNVST, SEE CONVERSION CONTROL SECTION.
47
F
MODE1
MODE0
NOTE 1
CREF
REF
REFGND
03083-0-027
Figure 28. Typical Connection Diagram (Internal Reference Buffer, Serial Interface)


Similar Part No. - AD7674ASTZL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7674ASTZL AD-AD7674ASTZL Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674ASTZL AD-AD7674ASTZL Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
More results

Similar Description - AD7674ASTZL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7674 AD-AD7674_15 Datasheet
1,012Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. A
AD7674ACP AD-AD7674ACP Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7674 AD-AD7674 Datasheet
1Mb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
REV. 0
AD7674AST AD-AD7674AST Datasheet
983Kb / 28P
   18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
Rev. A
AD7679 AD-AD7679 Datasheet
556Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD7678 AD-AD7678_15 Datasheet
362Kb / 28P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
REV. A
AD7679 AD-AD7679_15 Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7679ASTZ AD-AD7679ASTZ Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
AD7678 AD-AD7678 Datasheet
437Kb / 29P
   18-Bit, 2.5 LSB INL, 100 kSPS SAR ADC
AD7679 AD-AD7679_17 Datasheet
506Kb / 29P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com