Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC4016TTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC4016TTR
Description  QUAD BILATERAL SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4016TTR Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC4016TTR Datasheet HTML 1Page - STMicroelectronics M74HC4016TTR Datasheet HTML 2Page - STMicroelectronics M74HC4016TTR Datasheet HTML 3Page - STMicroelectronics M74HC4016TTR Datasheet HTML 4Page - STMicroelectronics M74HC4016TTR Datasheet HTML 5Page - STMicroelectronics M74HC4016TTR Datasheet HTML 6Page - STMicroelectronics M74HC4016TTR Datasheet HTML 7Page - STMicroelectronics M74HC4016TTR Datasheet HTML 8Page - STMicroelectronics M74HC4016TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
M74HC4016
3/11
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIHC
High Level Control
Input Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
9.0
6.3
6.3
6.3
12.0
8.4
8.4
8.4
VILC
Low Level Control
Input Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
9.0
2.5
2.5
2.5
12.0
3.6
3.6
3.6
RON
ON Resistance
4.5
VIN = VIHC
VI/O = VCC to GND
II/O = 100µA
160
320
400
450
9.0
85
170
213
260
12.0
60
120
150
180
4.5
VIN = VIHC
VI/O = VCC or GND
II/O = 100µA
80
160
200
250
9.0
60
120
150
200
12.0
50
100
125
150
∆R
ON
Difference of ON
Resistance
between switches
4.5
VIN = VIHC
VI/O = VCC or GND
II/O ≤ 100µA
16
9.0
9
12.0
6
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
12.0
VOS = VCC or GND
VIS = VCC or GND
VIN = VILC
± 0.1
± 1
± 2
µA
IIZ
Switch Input
Leakage Current
(SWITCH ON,
OUTPUT OPEN)
12.0
VOS = VCC or GND
VIN = VIHC
± 0.1
± 1
± 2
µA
IIN
Control Input
Current
6.0
VIN = VCC or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
6.0
VIN = VCC or GND
110
20
µA
9.0
4
40
80
12.0
8
80
160


Similar Part No. - M74HC4016TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4016 STMICROELECTRONICS-M74HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4016B1R STMICROELECTRONICS-M74HC4016B1R Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4016C1R STMICROELECTRONICS-M74HC4016C1R Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
M74HC4016M1R STMICROELECTRONICS-M74HC4016M1R Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
More results

Similar Description - M74HC4016TTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com