Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC4075M1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC4075M1R
Description  TRIPLE 3-INPUT OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4075M1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC4075M1R Datasheet HTML 1Page - STMicroelectronics M74HC4075M1R Datasheet HTML 2Page - STMicroelectronics M74HC4075M1R Datasheet HTML 3Page - STMicroelectronics M74HC4075M1R Datasheet HTML 4Page - STMicroelectronics M74HC4075M1R Datasheet HTML 5Page - STMicroelectronics M74HC4075M1R Datasheet HTML 6Page - STMicroelectronics M74HC4075M1R Datasheet HTML 7Page - STMicroelectronics M74HC4075M1R Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M74HC4075
2/8
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
PIN No
SYMBOL
NAME AND FUNCTION
3, 1, 11
1A to 3A
Data Inputs
4, 2, 12
1B to 3B
Data Inputs
5, 8, 13
1C to 3C
Data Inputs
6, 9, 10
1Y to 3Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
ABC
Y
LLLL
HX
XH
XHXH
XX
H
H
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0V
0 to 1000
ns
VCC = 4.5V
0 to 500
ns
VCC = 6.0V
0 to 400
ns


Similar Part No. - M74HC4075M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4075M1R STMICROELECTRONICS-M74HC4075M1R Datasheet
232Kb / 9P
   TRIPLE 3 INPUT OR GATE
More results

Similar Description - M74HC4075M1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4075B STMICROELECTRONICS-HCF4075B Datasheet
139Kb / 7P
   TRIPLE 3 INPUT OR GATE
logo
Nexperia B.V. All right...
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
   Triple 3-input OR gate
74HCT4075 NEXPERIA-74HCT4075 Datasheet
200Kb / 11P
   Triple 3-input OR gate
Rev. 4 - 4 February 2019
logo
Hitachi Semiconductor
HD14075B HITACHI-HD14075B Datasheet
51Kb / 4P
   Triple 3-input OR Gate
logo
NXP Semiconductors
74HC4075 PHILIPS-74HC4075 Datasheet
32Kb / 5P
   Triple 3-input OR gate
December 1990
logo
Toshiba Semiconductor
TC74HC4075AP TOSHIBA-TC74HC4075AP Datasheet
176Kb / 4P
   TRIPLE 3-INPUT OR GATE
logo
National Semiconductor ...
MM54HC4075 NSC-MM54HC4075 Datasheet
113Kb / 4P
   Triple 3-Input OR Gate
logo
Nexperia B.V. All right...
74HCT4075-Q100 NEXPERIA-74HCT4075-Q100 Datasheet
218Kb / 12P
   Triple 3-input OR gate
Rev. 2 - 4 February 2019
logo
NXP Semiconductors
HEF4075B PHILIPS-HEF4075B Datasheet
25Kb / 3P
   Triple 3-input OR gate
January 1995
logo
STMicroelectronics
M54HC4075 STMICROELECTRONICS-M54HC4075 Datasheet
232Kb / 9P
   TRIPLE 3 INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com