Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANTDP111-C1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP111-C1A
Description  NFC Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP111-C1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP111-C1A Datasheet HTML 1Page - World Produts Inc. WPANTDP111-C1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: June 11, 2015
Created by: MKS
Approved by: BP
Page | 1
WPANTDP111-C1A
NFC Antenna
Note: 2D Drawing shown
Description / Application
This is a NFC wire antenna that can be easily installed inside any wireless device.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to
trouble shoot system integration issues such as TRP/TIS and FCC requirements. We specialize in developing customized Antenna
solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
13.56 MHz
VSWR (Typical)
N/A
Inductance [µH] (Typical)
725 µH
Q (Typical)
35
DC Resistance [
Ω] (Typical) 13 Ω Max
Mechanical / Environmental Properties
Antenna Dimensions
2.36’’ X 0.51’’ X 0.3’’
(60mm X 13mm X 7 mm)
Antenna Color
Black
Wire Winding
Ø0.20mm * 1P
(220 turns)
Wire Material
Polyurethane enameled QAN-1B (RED)
Thermal rating: 130°C
UL No: E171082 and E85640
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANTDP111-C1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP006 WPI-WPANTDP006 Datasheet
84Kb / 2P
   The WPANTDP006 is a very compact 3G Cellular Dual-band Monopole antenna
WPANTDP009-R3A WPI-WPANTDP009-R3A Datasheet
233Kb / 2P
   GPS L1 Band Active Module
WPANTDP011 WPI-WPANTDP011 Datasheet
118Kb / 2P
   WPANTDP011 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP012 WPI-WPANTDP012 Datasheet
121Kb / 2P
   WPANTDP012 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
WPANTDP015-S1A WPI-WPANTDP015-S1A Datasheet
124Kb / 2P
   The WPANTDP015-S1A is a multi-polarized 3X3 MIMO antenna that operates in the 4.9 . 5.9 GHz band
More results

Similar Description - WPANTDP111-C1A

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RNF-VA1-862155-W-001 RALTRON-RNF-VA1-862155-W-001 Datasheet
206Kb / 2P
   NFC ANTENNA
RNF-LF-P-50-W RALTRON-RNF-LF-P-50-W Datasheet
304Kb / 3P
   NFC ANTENNA
RPA-VH-P-50-IPEX-90-G RALTRON-RPA-VH-P-50-IPEX-90-G Datasheet
137Kb / 1P
   NFC ANTENNA
logo
Abracon Corporation
ANFCA-2525-A02 ABRACON-ANFCA-2525-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4030-A01 ABRACON-ANFCA-4030-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-3225-A02 ABRACON-ANFCA-3225-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4545-A01 ABRACON-ANFCA-4545-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-4040-A02 ABRACON-ANFCA-4040-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-5040-A02 ABRACON-ANFCA-5040-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-4535-A01 ABRACON-ANFCA-4535-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.04.15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com