Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3713 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3713
Description  Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3713 Datasheet(HTML) 4 Page - Linear Technology

  LTC3713 Datasheet HTML 1Page - Linear Technology LTC3713 Datasheet HTML 2Page - Linear Technology LTC3713 Datasheet HTML 3Page - Linear Technology LTC3713 Datasheet HTML 4Page - Linear Technology LTC3713 Datasheet HTML 5Page - Linear Technology LTC3713 Datasheet HTML 6Page - Linear Technology LTC3713 Datasheet HTML 7Page - Linear Technology LTC3713 Datasheet HTML 8Page - Linear Technology LTC3713 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC3713
3713fa
TYPICAL PERFOR A CE CHARACTERISTICS
Transient Response
(Discontinuous Mode)
Transient Response
Boost Converter Oscillator
Frequency vs Temperature
Boost Converter Current Limit
vs Duty Cycle
SHDN Pin Current vs VSHDN
VFB2, Feedback Pin Voltage
VOUT
100mV/DIV
IL
5A/DIV
50
µs/DIV
3713 G01
LOAD STEP 0A TO 6A
VIN = 3.3V
VOUT = 1.25V
FCB = 0V
FIGURE 1 CIRCUIT
VOUT
100mV/DIV
IL
5A/DIV
50
µs/DIV
3713 G02
LOAD STEP 600mA TO 6A
VIN = 3.3V
VOUT = 1.25V
FCB = INTVCC
FIGURE 1 CIRCUIT
VOUT
500mV/DIV
IL
5A/DIV
500
µs/DIV
3713 G03
VIN = 3.3V
VOUT = 1.25V
L = 1.8
µH
COUT = 540µF
LOAD = 0.2
Start-Up from Shutdown
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
3713 G04
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
VIN = 5V
VIN = 1.5V
SHDN PIN VOLTAGE (V)
012345
3713 G05
50
40
30
20
10
0
TA = 25°C
DUTY CYCLE (%)
10
20
30
40
50
60
70
80
3713 G06
1000
900
800
700
600
500
400
300
200
70
°C
25
°C
–40
°C
TEMPERATURE (
°C)
–50
3713 G07
1.25
1.24
1.23
1.22
1.21
1.20
VOLTAGE
–25
0
25
50
75
100
Efficiency vs Load Current
(Discontinuous Mode)
LOAD CURRENT (A)
0.01
70
80
100
0.4
4
1
1713 G09
60
50
0.04 0.07 0.1
0.7
7
10
40
30
90
VIN = 2.5V
VIN = 3.3V
FIGURE 1 CIRCUIT (B)
LOAD CURRENT (A)
0.01
0
10
30
40
50
100
70
0.09
0.8
3
3713 G10
20
80
90
60
0.05
0.4
7
VIN = 3.3V
VIN = 2.5V
FIGURE 1 CIRCUIT (B)
Efficiency vs Load Current
(Force Continuous)


Similar Part No. - LTC3713

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3713 LINER-LTC3713 Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3713 LINER-LTC3713_15 Datasheet
290Kb / 24P
   Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
More results

Similar Description - LTC3713

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3713 LINER-LTC3713_15 Datasheet
290Kb / 24P
   Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC1700 LINER-LTC1700_15 Datasheet
206Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC1700 LINER-LTC1700 Datasheet
194Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com