Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1532AAC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LH1532AAC
Description  Dual 1 Form A Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1532AAC Datasheet(HTML) 3 Page - Vishay Siliconix

  LH1532AAC Datasheet HTML 1Page - Vishay Siliconix LH1532AAC Datasheet HTML 2Page - Vishay Siliconix LH1532AAC Datasheet HTML 3Page - Vishay Siliconix LH1532AAC Datasheet HTML 4Page - Vishay Siliconix LH1532AAC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 83829
www.vishay.com
Revision 17-August-01
3–136
Typical Performance Characteristics
Figure 1. LED Voltage vs. Temperature
Figure 2. LED Current for Switch Turn-on vs. Temperature
Figure 3. Current Limit vs. Temperature
Ambient Temperature (
°C)
–40
–20
0
2040
6080
1.6
1.5
1.4
1.3
1.2
1.1
1.0
IF=1.0 mA
IF=20 mA
IF=50 mA
IF=2.0 mA
IF=5.0 mA
IF=10 mA
Ambient Temperature (
°C)
100
–60
80
60
40
–40
–40
20
–20
0
–20
0
20
40
60
80
IL= 100 mA
–40
40
10
30
20
0
–20
–10
–40
–30
–20
0
204060
Ambient Temperature (
°C)
80
IF= 5.0 mA
t = 5.0 ms
VL= SEE ELEC. CHAR.
Figure 4. LED Dropout Voltage vs. Temperature
Figure 5. On-resistance vs. Temperature
Figure 6. Variation in On-resistance vs. LED Current
–40
0
20
Ambient Temperature (
°C)
1.20
1.15
1.10
0.95
1.00
40
1.05
80
60
–20
MIN.
TYP.
IL= 100 mA
–40
50
10
30
20
40
–20
–30
–10
–40
0
–20
0
2040
6080
Ambient Temperature (
°C)
IL= 50 mA
0
1.5
0.5
–0.5
1.0
0
48
12
LED Forward Current (mA)
16
20
IL= 50 mA


Similar Part No. - LH1532AAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1532AAC VISHAY-LH1532AAC Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1532AAC VISHAY-LH1532AAC Datasheet
244Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
Rev. 1.8, 22-Sep-2020
LH1532AAC VISHAY-LH1532AAC Datasheet
243Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1532AAC VISHAY-LH1532AAC Datasheet
244Kb / 10P
   Dual 1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
LH1532AACTR VISHAY-LH1532AACTR Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
More results

Similar Description - LH1532AAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1522AB VISHAY-LH1522AB Datasheet
387Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1505AB VISHAY-LH1505AB Datasheet
89Kb / 5P
   Dual 1 Form A Solid State Relay
Revision 17-August-01
LH1532FP VISHAY-LH1532FP_13 Datasheet
111Kb / 6P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 12-Apr-13
LH1522AB VISHAY-LH1522AB_11 Datasheet
168Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
LH1520AB VISHAY-LH1520AB_V02 Datasheet
209Kb / 10P
   Dual 1 Form A Solid-State Relay
01-Jan-2023
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L Datasheet
168Kb / 4P
   Dual 1 Form A Solid State Relay
logo
Vishay Siliconix
VOR2142A8 VISHAY-VOR2142A8 Datasheet
157Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.0, 14-Jun-16
LH1556AAC VISHAY-LH1556AAC_14 Datasheet
202Kb / 9P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 10-Mar-14
LH1532AAC VISHAY-LH1532AAC_11 Datasheet
163Kb / 7P
   Dual 1 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
LH1532FP VISHAY-LH1532FP_11 Datasheet
106Kb / 6P
   Dual 1 Form A Solid State Relay
Rev. 1.6, 07-Jul-11
LH1556AAC VISHAY-LH1556AAC_11 Datasheet
163Kb / 8P
   Dual 1 Form A Solid-State Relay
Rev. 1.7, 25-Jul-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com