Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD8V50SP Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SMD8V50SP
Description  MOS Controlled Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SMD8V50SP Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SMD8V50SP Datasheet HTML 1Page - SamHop Microelectronics Corp. SMD8V50SP Datasheet HTML 2Page - SamHop Microelectronics Corp. SMD8V50SP Datasheet HTML 3Page - SamHop Microelectronics Corp. SMD8V50SP Datasheet HTML 4Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S mHop Microelectronics C orp.
a
SMD8V50SP
Symbol
VRRM
VRWM
70
V
120
Unit
Parameter
50
50
8
°C/W
V
V
50
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
THERMAL CHARACTERISTICS
PRODUCT SUMMARY
VRRM
IO
VF(MAX) @ 25°C
50V
8A
FEATURES
Low Profile Design for Smart Phone Charger
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Value
A
Thermal Resistance, Junction-to-Ambient
R JA
www.samhop.com.tw
Nov,14,2014
1
Details are subject to change without notice.
V
MOS Controlled Diode
Green
Product
35
A
ANODE PINS
BOTTOMSIDE
HEAT SINK
VRM
DC Blocking Voltage
VR(RMS)
RMS Reverse Voltage
IO
Average Rectified Output Current
IFSM
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
170
mJ
EAS
Non-Repetitive Avalanche Energy
(TJ= 25°C,IAS = 10,L = 5mH)
W
24000
PARM
Repetitive Peak Avalanche Energy
IR(MAX) @ 25°C
0.58V
0.5mA
TJ
Operating Temperature Range
TSTG
Storage Temperature Range
-55 to 150
-55 to 175
°C
°C
Symbol
Unit
Parameter
Value
V
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Forward Voltage Drop
VF
IR
Leakage Current
CT
Total Capacitance
uA
pF
Symbol
Unit
Parameter
Conditions
IF = 8A, TJ =
25°C
Min
Typ
Max
0.53
VR = 50V, TJ =
25°C
90
VR = 50V, f = 1MHz
Ideal for SMT Mounting
Low forward voltage drop
High forward surge capability
Excellent High Temperature Stability
75
V
IF = 8A, TJ = 1
25°C
0.52
0.58
0.57
VR = 50V, TJ = 1
25°C
500
100
mA
Top View
Bottom View
Ver 1.0
TO-277
V
IF = 5A, TJ =
25°C
0.45
0.50


Similar Part No. - SMD8V50SP

ManufacturerPart #DatasheetDescription
logo
Chip Quik Inc.
SMD8 CHIPQUIK-SMD8 Datasheet
130Kb / 2P
   Chip Quik Removal Alloy (8ft. In 15-6.5in. Lengths) leaded
revision 1.0
logo
Shenzhen Luguang Electr...
SMD8.000M LUGUANG-SMD8.000M Datasheet
245Kb / 5P
   CRYSTAL UNITS
logo
Intersil Corporation
SMD84065013A INTERSIL-SMD84065013A Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
SMD84065013A INTERSIL-SMD84065013A Datasheet
386Kb / 22P
   CMOS Programmable Intervel Timer
SMD8406501JA INTERSIL-SMD8406501JA Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
More results

Similar Description - SMD8V50SP

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SMD20U60P SAMHOP-SMD20U60P Datasheet
68Kb / 4P
   MOS Controlled Diode
SMD5L45SP SAMHOP-SMD5L45SP Datasheet
69Kb / 4P
   MOS Controlled Diode
SMD8L45SP SAMHOP-SMD8L45SP Datasheet
68Kb / 4P
   MOS Controlled Diode
SMD20V50SP SAMHOP-SMD20V50SP Datasheet
68Kb / 4P
   MOS Controlled Diode
SMD10U50SP SAMHOP-SMD10U50SP Datasheet
69Kb / 4P
   MOS Controlled Diode
SMD15V50SP SAMHOP-SMD15V50SP Datasheet
68Kb / 4P
   MOS Controlled Diode
SMD25U50P SAMHOP-SMD25U50P Datasheet
68Kb / 4P
   MOS Controlled Diode
SMD10L50SP SAMHOP-SMD10L50SP Datasheet
69Kb / 4P
   MOS Controlled Diode
SMD3L50F SAMHOP-SMD3L50F Datasheet
68Kb / 4P
   MOS Controlled Diode
SMD3L45F SAMHOP-SMD3L45F Datasheet
69Kb / 4P
   MOS Controlled Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com