Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2346 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2346
Description  Silicon Complementary Transistors General Purpose Darlington, Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2346 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2346 Datasheet HTML 1Page - NTE Electronics NTE2346 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE2345 (NPN) & NTE2346 (PNP)
Silicon Complementary Transistors
General Purpose Darlington, Power Amplifier
Description:
The NTE2345 (NPN) and NTE2346 (PNP) are silicon complementary Darlington transistors in an
SOT–82 type package designed for use in audio output stages and general amplifier and switching
applications..
Features:
D High DC Current Gain: hFE = 750 (Min) @ IC = 3A, VCE = 3V
D Junction Temperature to +150°C
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO
120V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCBO
120V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector Current, IC
Continuous
6A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak (tp ≤ 10ms, δ ≤ 0.1)
10A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Base Current, IB
150mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TC = +25°C), PD
60W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
2.08K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
100K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TJ = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cutoff Current
ICBO
IE = 0, VCBO = 120V
0.2
mA
IE = 0, VCBO = 120V, TJ = +150°C
2mA
mA
ICEO
IB = 0, VCEO = 60V
0.5
mA
Emitter Cutoff Current
IEBO
IC = 0, VEBO = 5V
5
mA
DC Current Gain
hFE
IC = 500mA, VCEO = 3V, Note 1
2700
IC = 3A, VCEO = 3V, Note 1
750
IC = 6A, VCEO = 3V, Note 1
400
Note 1. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.


Similar Part No. - NTE2346

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE234 NTE-NTE234 Datasheet
21Kb / 2P
   Silicon PNP Transistor Low Noise, High Gain Amplifier
NTE2340 NTE-NTE2340 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington Power Amp, Switch
NTE2341 NTE-NTE2341 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2342 NTE-NTE2342 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2343 NTE-NTE2343 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
More results

Similar Description - NTE2346

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2404 NTE-NTE2404 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington, General Purpose
NTE263 NTE-NTE263 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE251 NTE-NTE251 Datasheet
26Kb / 3P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE253 NTE-NTE253 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE261 NTE-NTE261 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE243 NTE-NTE243 Datasheet
26Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE268 NTE-NTE268 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE245 NTE-NTE245 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE247 NTE-NTE247 Datasheet
26Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE249 NTE-NTE249 Datasheet
25Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com