Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-C0220BIZ-FSW-FBW-3V3M Datasheet(PDF) 5 Page - Newhaven Display International, Inc.

Part # NHD-C0220BIZ-FSW-FBW-3V3M
Description  COG (Chip?륮n?륢lass) Character Liquid Crystal Display Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-C0220BIZ-FSW-FBW-3V3M Datasheet(HTML) 5 Page - Newhaven Display International, Inc.

  NHD-C0220BIZ-FSW-FBW-3V3M Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-C0220BIZ-FSW-FBW-3V3M Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-C0220BIZ-FSW-FBW-3V3M Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-C0220BIZ-FSW-FBW-3V3M Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-C0220BIZ-FSW-FBW-3V3M Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-C0220BIZ-FSW-FBW-3V3M Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-C0220BIZ-FSW-FBW-3V3M Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-C0220BIZ-FSW-FBW-3V3M Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-C0220BIZ-FSW-FBW-3V3M Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
[5] 
 
Electrical Characteristics 
Item 
Symbol 
Condition
Min.
Typ.
Max. 
Unit
Operating Temperature Range 
Top 
Absolute Max
‐20
+70 ⁰C
Storage Temperature Range 
Tst 
Absolute Max
‐30
+80 ⁰C
Supply Voltage 
VDD ‐
3.0
3.3
3.6 
Supply Current 
IDD 
VDD=3.3V
0.5
1.0 
mA
Supply for LCD (contrast) 
VDD‐V0 
VLCD=VDD‐V0
5.5
‐ 
“H” Level input 
Vih ‐
0.7*VDD
VDD 
“L” Level input 
Vil ‐
GND
0.2*VDD 
“H” Level output 
Voh ‐
0.7*VDD
VDD 
“L” Level output 
Vol ‐
GND
0.8 
  
 
 
Backlight Supply Voltage – White 
VLED ‐
2.8
3.0
3.3 
Backlight Supply Current – White 
Iled ‐
30
‐ 
mA
 
 
Optical Characteristics 
Item 
Symbol 
Condition
Min.
Typ.
Max. 
Unit
Viewing Angle ‐ Top ‐ 
Cr ≥ 2 
40
‐ 
⁰ 
Viewing Angle ‐ Bottom ‐ 
60
‐ 
⁰ 
Viewing Angle ‐ Left ‐ 
60
‐ 
⁰ 
Viewing Angle ‐ Right ‐ 
60
‐ 
⁰ 
Contrast Ratio 
Cr ‐
5
‐ 
‐ 
Response Time (rise) 
Tr ‐
150
250 
ms
Response Time (fall) 
Tf ‐
200
300 
ms
 
 
Controller Information 
Built‐in ST7036i controller. 
Please download specification at http://www.newhavendisplay.com/app_notes/ST7036.pdf 
 
 
DDRAM Address 
10
11  12
13
14  15 16 17 18 19  20 
00  01  02  03  04  05  06 07  08  09 0A 0B 0C 0D 0E
0F  10 11 12  13 
40  41  42  43  44  45  46 47  48  49 4A 4B 4C 4D 4E
4F  50 51 52  53 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - NHD-C0220BIZ-FSW-FBW-3V3M

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-C0220BIZ-FS-FBW-3VM NEWHAVEN-NHD-C0220BIZ-FS-FBW-3VM Datasheet
839Kb / 13P
   COG (Chip-On-Glass) Character Liquid Crystal Display Module
NHD-C0220BIZ-FSRGB NEWHAVEN-NHD-C0220BIZ-FSRGB Datasheet
759Kb / 13P
   COG (Chip-On-Glass) Character Liquid Crystal Display Modul
More results

Similar Description - NHD-C0220BIZ-FSW-FBW-3V3M

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-C12864WO-B1TTI-M NEWHAVEN-NHD-C12864WO-B1TTI-M Datasheet
721Kb / 11P
   COG (Chip?륮n?륢lass) Liquid Crystal Display Module
NHD-C12864M1R-FSW-FTW-3V6 NEWHAVEN-NHD-C12864M1R-FSW-FTW-3V6 Datasheet
697Kb / 13P
   COG (Chip?륮n?륢lass) Liquid Crystal Display Module
NHD-C12865AZ-RN-GBW NEWHAVEN-NHD-C12865AZ-RN-GBW Datasheet
786Kb / 12P
   COG (Chip?륮n?륢lass) Liquid Crystal Display Module
NHD-C128128CZ-FN-GBW NEWHAVEN-NHD-C128128CZ-FN-GBW Datasheet
715Kb / 10P
   COG (Chip?륮n?륢lass) Liquid Crystal Display Module
NHD-C0220AU-FSW-FTS NEWHAVEN-NHD-C0220AU-FSW-FTS Datasheet
585Kb / 11P
   COG (Chip?릓n?륢lass) Liquid Crystal Display Module
NHD-C0216CU-FN-GBW-3V NEWHAVEN-NHD-C0216CU-FN-GBW-3V Datasheet
835Kb / 11P
   COG (Chip?릓n?륢lass) Liquid Crystal Display Module
NHD-C0220BIZ-FS-FBW-3VM NEWHAVEN-NHD-C0220BIZ-FS-FBW-3VM Datasheet
839Kb / 13P
   COG (Chip-On-Glass) Character Liquid Crystal Display Module
NHD-C0220BIZ-FSRGB NEWHAVEN-NHD-C0220BIZ-FSRGB Datasheet
759Kb / 13P
   COG (Chip-On-Glass) Character Liquid Crystal Display Modul
NHD-C12864HZ-FN-FBW NEWHAVEN-NHD-C12864HZ-FN-FBW Datasheet
715Kb / 8P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864AZ-FSY-YBW NEWHAVEN-NHD-C12864AZ-FSY-YBW Datasheet
599Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com