Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXBD4410SI Datasheet(PDF) 9 Page - IXYS Corporation

Part # IXBD4410SI
Description  ISOSMART Half Bridge Driver Chipset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBD4410SI Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IXBD4410SI Datasheet HTML 3Page - IXYS Corporation IXBD4410SI Datasheet HTML 4Page - IXYS Corporation IXBD4410SI Datasheet HTML 5Page - IXYS Corporation IXBD4410SI Datasheet HTML 6Page - IXYS Corporation IXBD4410SI Datasheet HTML 7Page - IXYS Corporation IXBD4410SI Datasheet HTML 8Page - IXYS Corporation IXBD4410SI Datasheet HTML 9Page - IXYS Corporation IXBD4410SI Datasheet HTML 10Page - IXYS Corporation IXBD4410SI Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
© 2004 IXYS All rights reserved
IXBD4410
IXBD4411
with respect to KG at IM.
When the command arrives to switch
on the Power MOSFET device, the
CMOS switch shorting IM to KG is
turned off. The driven Power MOSFET
device is switched on approximately
100 ns to 1
µs later, and with typical
load conditions, its drain-to-source
potential, V
DS, may take an additional
10
µs of delay to collapse to the normal
on-state voltage level. To prevent false
triggering due to this, C8 or C12 in
parallel combination with R10 and R11,
or R13 and R14, delays the IM input
signal. During this turn-on interval, the
voltage across C8 or C12 will rise until
the Power MOSFET device finally
comes on and pulls the voltage across
C8 or C12 back down. If the MOSFET
device load circuit is shorted, its V
DS
voltage cannot collapse at turn-on. In
this case, the voltage across C8 or C12
rises rapidly until it reaches 300 mV,
tripping the fault flip-flop and shutting
down the driver output. At the same
time, C8 or C12 must be kept small
enough that the added delay does not
slow down the detection of a short
circuit event so much that the Power
MOSFET device fails before the driver
realizes that it is in trouble.
Three Phase Motor Controls
Fig. 8 is a block diagram of a typical 3-
phase PWM voltage-source inverter
Fig. 8: Typical 3-phase motor control system block diagram
motor control. The power circuit
consists of six power switching transis-
tors with freewheeling diodes around
each of them. The control function may
be performed digitally by a microproces-
sor, microcontroller, DSP chip, or user
custom IC; or it may be performed by a
PC board full of random logic and
analog circuits. In any of these cases,
the PWM command for all six power
transistors is generated in one circuit,
and this circuit is usually referred to
system ground potential - the bottom
terminal of the power bridge.
The ISOSMART™ family of drivers is
the interface between the world of
control logic and the world of power, 5 V
input logic commands precisely control
actions at high voltage and current
(1200 V and 100 A in a typical applica-
tion). Fig. 6 is a detailed schematic of
one phase of three 3-phase motor
control, showing the interconnection of
the IXBD4410/4411 and its associated
circuitry.
PCB Layout Considerations
The IXBD4410/4411 is intended to be
used in high voltage, high speed, high
dv/dt applications.
To ensure proper operation, great care
must be taken in laying out the printed
circuit board. The layout critical areas
include the communication links, current
sense, gate drive, and supply bypass-
ing.
The communication path should be as
short as possible. Added inductance
disturbs the frequency response of the
signal path, and these distortions may
cause false triggering in the receiver.
The transformer should be placed
between the two ICs with the orientation
of one IC reversed (Fig. 9).
Capacitance between the high- and low-
side should be minimized. No signal
trace should run underneath the
communication path, and high- and low-
side traces should be separated on the
PCB. The dv/dt of the high-side during
power stage switching may cause false
logic transitions in low-side circuits due
to capacitive coupling.
The low signal pulse transformer
provides the isolation between high-and
low-side circuits. For 460 V~ line
operation, a spacing of 4 mm is recom-
mended between low- and high-side
circuits, and a transformer HIPOT
specification of at least 1500 V~ is
required. This creep spacing is usually
adequate to control leakage currents on
the PCB with up to 1200 V~ applied
after 10 to 15 years of accumulated dust
and particulates in a standard industrial
environment. In other environments, or
at other line voltages, this spacing
should be appropriately modified.
The current sense/desaturation detect
input is noise sensitive. The 300 mV trip
point is referred to the KG (Kelvin
ground) pin, and the applied signal must
be kept as clean as possible, A filter is
recommended, preferably a monolithic
ceramic capacitor placed as close to the
IC as possible directly between IM and
KG. To preserve maximum noise
immunity, the KG pin should first be
connected directly to the LG pin, and the
pair then sent directly to the power
transistor source/emitter terminal, or (if a
desaturation detection circuit is used) to
the bottom of the divider resistor chain.
All supply pins must be bypassed with a
low impedance capacitor (preferably
monolithic ceramic construction) with
minimum lead length. The output driver
stage draws 2 A (typical) currents during
transitions at di/dt values in excess of
100 A/
µs. Supply line inductance will
cause supply and ground bounce on the
chip that can cause problems (logic
oscillations and, in severe cases,
possible latch-up failure) without proper
bypassing. These bypass elements are
in addition to the reservoir capacitors
required for the negative Vee supply and
the high-side bootstrapped supply if
these features are used.
Power Circuit Noise Considerations
In a typical transistor inverter, the output
MOSFET may switch on or off with di/dt
>500 A/
µs. Referring to Fig.10 and
assuming that the MOSFET source
terminal has a one inch path on the PCB
to system ground, a voltage as high as
V = 27 nH • 500 A/
µs = 13.5 V can be
developed.


Similar Part No. - IXBD4410SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBA10N300HV IXYS-IXBA10N300HV Datasheet
267Kb / 6P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBA12N300HV IXYS-IXBA12N300HV Datasheet
253Kb / 5P
   High Voltage, High Gain BiMOSFETTM Monolithic Bipolar MOS Transistor
IXBA14N300HV IXYS-IXBA14N300HV Datasheet
365Kb / 6P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBA16N170AHV IXYS-IXBA16N170AHV Datasheet
168Kb / 2P
   High Voltage, High Gain BIMOSFETTM Monolithic Bipolar MOS Transistor
IXBF10N300C IXYS-IXBF10N300C Datasheet
226Kb / 6P
   High Voltage, High Frequency, BiMOSFETTM Monolithic Bipolar MOS Transistor
More results

Similar Description - IXBD4410SI

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com