Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7457 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7457
Description  Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7457 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7457_17 Datasheet HTML 4Page - Analog Devices AD7457_17 Datasheet HTML 5Page - Analog Devices AD7457_17 Datasheet HTML 6Page - Analog Devices AD7457_17 Datasheet HTML 7Page - Analog Devices AD7457_17 Datasheet HTML 8Page - Analog Devices AD7457_17 Datasheet HTML 9Page - Analog Devices AD7457_17 Datasheet HTML 10Page - Analog Devices AD7457_17 Datasheet HTML 11Page - Analog Devices AD7457_17 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD7457
Rev. A | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD7457
TOP VIEW
(Not to Scale)
VDD 1
SCLK
2
SDATA
3
CS
4
VREF
VIN+
VIN–
GND
8
7
6
5
Figure 4. 8-Lead SOT-23 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Power Supply Input. VDD is 2.7 V to 5.25 V. This supply should be decoupled to GND with a 0.1 µF capacitor and a
10 µF tantalum capacitor.
2
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock input is also
used as the clock source for the conversion process.
3
SDATA
Serial Data. Logic output. The conversion result from the AD7457 is provided on this output as a serial data
stream. The bits are clocked out on the falling edge of the SCLK input. The data stream of the AD7457 consists of
four leading zeros followed by the 12 bits of conversion data that are provided MSB first. The output coding is
straight (natural) binary.
4
CS
Chip Select. This input provides the dual function of powering up the device and initiating a conversion on the
AD7457.
5
GND
Analog Ground. Ground reference point for all circuitry on the AD7457. All analog input signals and any external
reference signal should be referred to this GND voltage.
6
VIN–
Inverting Input. This pin sets the ground reference point for the VIN+ input. Connect to ground or to a dc offset to
provide a pseudo ground.
7
VIN+
Noninverting Analog Input.
8
VREF
Reference Input for the AD7457. An external reference in the range 100 mV to VDD must be applied to this input.
The specified reference input is 2.5 V. This pin should be decoupled to GND with a capacitor of at least 0.33 µF.


Similar Part No. - AD7457_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
More results

Similar Description - AD7457_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457 AD-AD7457 Datasheet
509Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com