Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7452BRTZ-REEL7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7452BRTZ-REEL7
Description  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7452BRTZ-REEL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7452BRTZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7452BRTZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7452BRTZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7452BRTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7452BRTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7452BRTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7452BRTZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7452BRTZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7452BRTZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD7452
Data Sheet
Rev. C | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
V
DD to GND
–0.3 V to +7 V
V
IN+ to GND
–0.3 V to V
DD + 0.3 V
V
IN– to GND
–0.3 V to V
DD + 0.3 V
Digital Input Voltage to GND
–0.3 V to +7 V
Digital Output Voltage to GND
–0.3 V to V
DD + 0.3 V
V
REF to GND
–0.3 V to V
DD + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
Commercial (B Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
θ
JA Thermal Impedance
211.5°C/W
θ
JC Thermal Impedance
91.99°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD
1 kV
1 Transient currents of up to 100 mA will not cause SCR latch-up.
1.6mA
IOL
200
µA
IOH
1.6V
TO OUTPUT
PIN
CL
25pF
Figure 3. Load Circuit for Digital Output Timing Specifications
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION


Similar Part No. - AD7452BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7452BRT-R2 AD-AD7452BRT-R2 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452BRT-REEL7 AD-AD7452BRT-REEL7 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
More results

Similar Description - AD7452BRTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7452 AD-AD7452 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457 AD-AD7457_17 Datasheet
343Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457 AD-AD7457 Datasheet
509Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com