Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7452 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7452
Description  Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7452 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7452 Datasheet HTML 5Page - Analog Devices AD7452 Datasheet HTML 6Page - Analog Devices AD7452 Datasheet HTML 7Page - Analog Devices AD7452 Datasheet HTML 8Page - Analog Devices AD7452 Datasheet HTML 9Page - Analog Devices AD7452 Datasheet HTML 10Page - Analog Devices AD7452 Datasheet HTML 11Page - Analog Devices AD7452 Datasheet HTML 12Page - Analog Devices AD7452 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD7452
Data Sheet
Rev. C | Page 8 of 24
TERMINOLOGY
Signal-to-(Noise + Distortion) Ratio
The measured ratio of signal to (noise + distortion) at the
output of the ADC. The signal is the rms amplitude of the fun-
damental. Noise is the sum of all nonfundamental signals up to
half the sampling frequency (fS/2), excluding dc. The ratio is
dependent on the number of quantization levels in the digitiza-
tion process; the more levels, the smaller the quantization noise.
The theoretical signal-to-(noise + distortion) ratio for an ideal
N-bit converter with a sine wave input is given by
Signal-to-(Noise + Distortion) = (6.02N + 1.76) dB
Thus, for a 12-bit converter, this is 74 dB.
Total Harmonic Distortion (THD)
Total harmonic distortion is the ratio of the rms sum of
harmonics to the fundamental. For the AD7452, it is defined as
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
)
dB
(
+
+
+
+
=
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second to the sixth
harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to fS/2 and excluding dc) to the rms value of the
fundamental. Normally, the value of this specification is deter-
mined by the largest harmonic in the spectrum, but for ADCs
where the harmonics are buried in the noise floor, it is a noise
peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities creates distortion pro-
ducts at the sum and difference frequencies of mfa ± nfb where
m, n = 0, 1, 2, 3, and so on. Intermodulation distortion terms
are those for which neither m nor n are equal to zero. For
example, the second-order terms include (fa + fb) and (fa − fb),
while the third-order terms include (2fa + fb), (2fa − fb), (fa +
2fb) and (fa − 2fb).
The AD7452 is tested using the CCIF standard where two input
frequencies near the top end of the input bandwidth are used.
In this case, the second-order terms are usually distanced in
frequency from the original sine waves while the third-order
terms are usually at a frequency close to the input frequencies.
As a result, the second- and third-order terms are specified
separately. The calculation of the intermodulation distortion is
as per the THD specification where it is the ratio of the rms
sum of the individual distortion products to the rms amplitude
of the sum of the fundamentals expressed in dB.
Aperture Delay
The amount of time from the leading edge of the sampling
clock until the ADC actually takes the sample.
Aperture Jitter
The sample-to-sample variation in the effective point in time at
which the actual sample is taken.
Full Power Bandwidth
The full power bandwidth of an ADC is the input frequency at
which the amplitude of the reconstructed fundamental is
reduced by 0.1 dB or 3 dB for a full-scale input.
Common-Mode Rejection Ratio (CMRR)
This is the ratio of the power in the ADC output at full-scale
frequency, f, to the power of a 100 mV p-p sine wave applied to
the common-mode voltage of VIN+ and VIN– of frequency fS
CMRR(dB) = 10 log(Pf/PfS)
Pf is the power at the frequency f in the ADC output; PfS is the
power at frequency fS in the ADC output.
Integral Nonlinearity (INL)
The maximum deviation from a straight line passing through
the endpoints of the ADC transfer function.
Differential Nonlinearity (DNL)
The difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Zero Code Error
The deviation of the midscale code transition (111…111 to
000...000) from the ideal VIN+ – VIN– (that is, 0 LSB)
Positive Gain Error
This is the deviation of the last code transition (011...110 to
011...111) from the ideal VIN+ – VIN– (that is, VREF – 1 LSB), after
the zero code error has been adjusted out.


Similar Part No. - AD7452

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7452 AD-AD7452 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452BRT-R2 AD-AD7452BRT-R2 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452BRT-REEL7 AD-AD7452BRT-REEL7 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
More results

Similar Description - AD7452

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7452 AD-AD7452 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457 AD-AD7457_17 Datasheet
343Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7457BRT AD-AD7457BRT Datasheet
491Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457 AD-AD7457_15 Datasheet
524Kb / 21P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. A
AD7457 AD-AD7457 Datasheet
509Kb / 20P
   Low Power, Pseudo Differential, 100 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com