Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV-7604-C7 Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # OV-7604-C7
Description  Low Power Clock Oscillator 32.768 kHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

OV-7604-C7 Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  OV-7604-C7_17 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND OV-7604-C7_17 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
OV-7604-C7
Low Power Clock Oscillator 32.768 kHz
All dimensions in mm typical
DESCRIPTION
The OV-7604-C7 is a Low Frequency SMT Oscillator that incorporates
an integrated CMOS circuit together with an XTAL. It operates under
vacuum in a hermetically sealed ceramic package with ceramic lid.
APPLICATIONS
Metering
Industrial
Automotive
Health Care
Medical Implantable
Package:
Recommended Solder Pad:
3,2
1,7
1,0
1,0
0,75
0,75
FEATURES
Wide supply voltage range.
Very low power consumption.
Synchronized enable/disable.
Small size, low profile, lightweight (12.4 mg).
High shock and vibration resistant.
100% Pb-free, RoHS-compliant.
Automotive qualification according to AEC-Q200 available.
BLOCK DIAGRAM
PIN CONNECTIONS
TOP VIEW
Pin
Connection
1
CLKOUT Frequency output
2
GND
Ground
3
CLKOE
CLK output enable
4
VDD
Power Supply Voltage
#1
#2
#4
#3
Pin 1 Index
Production Date Code
7604
M 605 A 1
Part Designation
OUTPUT
CONTROL
OSC
32.768 kHz
CRYSTAL
CLKOUT
CLKOE
VDD
GND
4
2
1
3


Similar Part No. - OV-7604-C7_17

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_18 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
More results

Similar Description - OV-7604-C7_17

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8_17 Datasheet
978Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8 Datasheet
384Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7 Datasheet
379Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7 Datasheet
279Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_18 Datasheet
1,007Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8_17 Datasheet
957Kb / 2P
   Low Power Clock Oscillator 32.768 kHz
logo
Renesas Technology Corp
MK3200 RENESAS-MK3200 Datasheet
274Kb / 9P
   32.768 KHZ CLOCK OSCILLATOR
073012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com