Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-C12864LZ-FSW-FBW-3V3 Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

Part # NHD-C12864LZ-FSW-FBW-3V3
Description  COG (Chip-On-Glass) Liquid Crystal Display Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-C12864LZ-FSW-FBW-3V3 Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  NHD-C12864LZ-FSW-FBW-3V3 Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-C12864LZ-FSW-FBW-3V3 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-C12864LZ-FSW-FBW-3V3 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-C12864LZ-FSW-FBW-3V3 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-C12864LZ-FSW-FBW-3V3 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-C12864LZ-FSW-FBW-3V3 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-C12864LZ-FSW-FBW-3V3 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-C12864LZ-FSW-FBW-3V3 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-C12864LZ-FSW-FBW-3V3 Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PROPRIE
TAR
Y
1
2
3
4
5
6
A
B
C
D
B
C
D
1
2
3
4
5
6
Mechanical Drawing
A
[3]
The information contained herein is the exclusive property of Newhaven Display International, Inc. and shall not be copied, reproduced, and/or disclosed in any format without permission.
NHD-C12864LZ-FSW-FBW-3V3
07/26/17
Date
Unit
Part Number:
mm
Gen. Tol.
±0.3
Rev
Description
Date
Notes:
1. Driving:
1/65 Duty, 1/9 Bias
2. Voltage:
3.0V VDD, 8.5V VLCD
3. Display Type:
FSTN Positive / Transflective
4. Optimal View:
6:00
5. Backlight:
White LED
6. Driver IC:
ST7565R


Similar Part No. - NHD-C12864LZ-FSW-FBW-3V3

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-C12864LZ-NSW-FBW-3V3 NEWHAVEN-NHD-C12864LZ-NSW-FBW-3V3 Datasheet
905Kb / 12P
   COG (Chip-On-Glass) Liquid Crystal Display Module
More results

Similar Description - NHD-C12864LZ-FSW-FBW-3V3

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-C12864HZ-FN-FBW NEWHAVEN-NHD-C12864HZ-FN-FBW Datasheet
715Kb / 8P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864AZ-FSY-YBW NEWHAVEN-NHD-C12864AZ-FSY-YBW Datasheet
599Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864B2Z-RN-FBW NEWHAVEN-NHD-C12864B2Z-RN-FBW Datasheet
696Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C160100CZ-RN-FBW NEWHAVEN-NHD-C160100CZ-RN-FBW Datasheet
674Kb / 12P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12832A1Z-FS-FBW-3V NEWHAVEN-NHD-C12832A1Z-FS-FBW-3V Datasheet
562Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864A1Z-FS-FBW-HT1 NEWHAVEN-NHD-C12864A1Z-FS-FBW-HT1 Datasheet
655Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864WC-FSW-FBW-3V3 NEWHAVEN-NHD-C12864WC-FSW-FBW-3V3 Datasheet
815Kb / 11P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864GG-RN-GBW NEWHAVEN-NHD-C12864GG-RN-GBW Datasheet
605Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12865BR-FSW-GBW NEWHAVEN-NHD-C12865BR-FSW-GBW Datasheet
893Kb / 11P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864A1Z-FSR-FBW-HTT NEWHAVEN-NHD-C12864A1Z-FSR-FBW-HTT Datasheet
515Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864KGZ-FSW-GBW NEWHAVEN-NHD-C12864KGZ-FSW-GBW Datasheet
555Kb / 10P
   COG (Chip-On-Glass) Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com