Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-C0216AZ-FSW-GBW Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

Part # NHD-C0216AZ-FSW-GBW
Description  COG (Chip-on-Glass) Liquid Crystal Display Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-C0216AZ-FSW-GBW Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  NHD-C0216AZ-FSW-GBW Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-C0216AZ-FSW-GBW Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-C0216AZ-FSW-GBW Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-C0216AZ-FSW-GBW Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-C0216AZ-FSW-GBW Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-C0216AZ-FSW-GBW Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-C0216AZ-FSW-GBW Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-C0216AZ-FSW-GBW Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-C0216AZ-FSW-GBW Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PROPRIE
TAR
Y
1
2
3
4
5
6
A
B
C
D
B
C
D
1
2
3
4
5
6
Mechanical Drawing
A
[3]
The information contained herein is the exclusive property of Newhaven Display International, Inc. and shall not be copied, reproduced, and/or disclosed in any format without permission.
NHD-C0216AZ-FSW-GBW
04/14/17
Date
Unit
Part Number:
mm
Gen. Tol.
±0.3
Rev
Description
Date
LCD 2(MAX)
1
6.3±0.5
Black Silicone
UV Glue
0.4±0.05
0.7
1.2
BACK
FRONT
0.5±0.5
0.5±0.5
14
1
Black tape
NEWHAVEN DISPLAY
PO-WWYY
NHD-C0216AZ-FSW-GBW
2.21
0.41
0.45
2.71
Viewing direction
Tear Tape
Viewing direction
Tear Tape
B/L 54.55±0.2
(A.A 42.86)
(V.A 45.7 MIN)
(7)
LCD 49.4±0.2
(8.42)
P1.5*13=19.5±0.1
17.95±0.25
1±0.05
0.8(MAX)
1
14
NT7605
Pin
Assignment
NO. Symbol
1
2
3
4
5
6
7
8
9
10
11
12
13
VSS
V0
RS
R/W
E
D0
D1
D2
D3
D4
D5
D6
D7
14
VDD
NO. Symbol
1
2
3
4
5
6
7
8
9
10
11
12
13
VSS
V0
RS
R/W
E
D0
D1
D2
D3
D4
D5
D6
D7
14
VDD
Notes:
1. Driver:
1/16 Duty, 1/5 Bias
2. Voltage:
5.0V VDD, 4.7V VLCD
3. Display Mode:
STN Positive / Gray / Transflective
4. Optimal View:
6:00
5. Backlight:
White LED
6. Driver IC:
NT7605H-BDT01 8/4-Bit MPU Interface


Similar Part No. - NHD-C0216AZ-FSW-GBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-C0216AZ-FN-GBW NEWHAVEN-NHD-C0216AZ-FN-GBW Datasheet
892Kb / 11P
   COG (Chip-on-Glass) Liquid Crystal Display Module
More results

Similar Description - NHD-C0216AZ-FSW-GBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-C12864HZ-FN-FBW NEWHAVEN-NHD-C12864HZ-FN-FBW Datasheet
715Kb / 8P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864AZ-FSY-YBW NEWHAVEN-NHD-C12864AZ-FSY-YBW Datasheet
599Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864B2Z-RN-FBW NEWHAVEN-NHD-C12864B2Z-RN-FBW Datasheet
696Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C160100CZ-RN-FBW NEWHAVEN-NHD-C160100CZ-RN-FBW Datasheet
674Kb / 12P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12832A1Z-FS-FBW-3V NEWHAVEN-NHD-C12832A1Z-FS-FBW-3V Datasheet
562Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864A1Z-FS-FBW-HT1 NEWHAVEN-NHD-C12864A1Z-FS-FBW-HT1 Datasheet
655Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864WC-FSW-FBW-3V3 NEWHAVEN-NHD-C12864WC-FSW-FBW-3V3 Datasheet
815Kb / 11P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864GG-RN-GBW NEWHAVEN-NHD-C12864GG-RN-GBW Datasheet
605Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12865BR-FSW-GBW NEWHAVEN-NHD-C12865BR-FSW-GBW Datasheet
893Kb / 11P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864A1Z-FSR-FBW-HTT NEWHAVEN-NHD-C12864A1Z-FSR-FBW-HTT Datasheet
515Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864KGZ-FSW-GBW NEWHAVEN-NHD-C12864KGZ-FSW-GBW Datasheet
555Kb / 10P
   COG (Chip-On-Glass) Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com