Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1181A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # ISP1181A
Description  Full-speed Universal Serial Bus peripheral controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1181A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button ISP1181A Datasheet HTML 3Page - NXP Semiconductors ISP1181A Datasheet HTML 4Page - NXP Semiconductors ISP1181A Datasheet HTML 5Page - NXP Semiconductors ISP1181A Datasheet HTML 6Page - NXP Semiconductors ISP1181A Datasheet HTML 7Page - NXP Semiconductors ISP1181A Datasheet HTML 8Page - NXP Semiconductors ISP1181A Datasheet HTML 9Page - NXP Semiconductors ISP1181A Datasheet HTML 10Page - NXP Semiconductors ISP1181A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
Philips Semiconductors
ISP1181A
Full-speed USB peripheral controller
Product data
Rev. 05 — 08 December 2004
7 of 70
9397 750 13959
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
DATA5
31
26
I/O
bit 5 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA4
32
27
I/O
bit 4 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA3
33
28
I/O
bit 3 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA2
34
29
I/O
bit 2 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
DATA1
35
30
I/O
bit 1 of D[15:0]; bidirectional data line
(slew-rate controlled output, 4 mA)
GND
36
31
-
ground supply
VCC(3.3)
37
32
-
supply voltage (3.0 V to 3.6 V); leave this
pin unconnected when using VCC = 5.0 V
AD0
38
33
I/O
multiplexed bidirectional address and data
line; represents address A0 or bit 0 of
D[15:0] in conjunction with input ALE;
level-sensitive input or slew-rate controlled
output (4 mA)
Address phase: a HIGH-to-LOW transition
on input ALE latches the level on this pin as
address A0 (1 = command, 0 = data)
Data phase: during reading this pin outputs
bit D[0]; during writing the level on this pin is
latched as bit D[0]
A0
39
34
I
address input; selects command (A0 = 1) or
data (A0 = 0); in a multiplexed address/data
bus configuration this pin is not used and
must be tied LOW (connect to GND)
RD
40
35
I
read strobe input
WR
41
36
I
write strobe input
ALE
42
37
I
address latch enable input; a HIGH-to-LOW
transition latches the level on pin AD0 as
address information in a multiplexed
address/data bus configuration; must be
tied LOW (connect to GND) for a separate
address/data bus configuration
CS
43
38
I
chip select input
RESET
44
39
I
reset input (Schmitt trigger); a LOW level
produces an asynchronous reset; connect
to VCC for power-on reset (internal POR
circuit)
CLKOUT
45
40
O
programmable clock output (2 mA)
Table 2:
Pin description…continued
Symbol[1]
Pin
Type
Description
TSSOP48
HVQFN48


Similar Part No. - ISP1181A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181BBS PHILIPS-ISP1181BBS Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181BDGG PHILIPS-ISP1181BDGG Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181DGG PHILIPS-ISP1181DGG Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
More results

Similar Description - ISP1181A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
8X931AA INTEL-8X931AA Datasheet
226Kb / 30P
   UNIVERSAL SERIAL BUS PERIPHERAL CONTROLLERS
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
logo
National Semiconductor ...
USBN9604 NSC-USBN9604 Datasheet
580Kb / 60P
   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
   Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
logo
NXP Semiconductors
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com