Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HC138 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74HC138
Description  1-of-8 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC138 Datasheet(HTML) 4 Page - Integral Corp.

  IN74HC138 Datasheet HTML 1Page - Integral Corp. IN74HC138 Datasheet HTML 2Page - Integral Corp. IN74HC138 Datasheet HTML 3Page - Integral Corp. IN74HC138 Datasheet HTML 4Page - Integral Corp. IN74HC138 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74HC138A
144
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A to
Output Y (Figures 1 and 4)
2.0
4.5
6.0
135
27
23
170
34
29
205
41
35
ns
tPLH, tPHL
Maximum Propagation Delay , CS1 to
Output Y (Figures 2 and 4)
2.0
4.5
6.0
110
22
19
140
28
24
165
33
28
ns
tPLH, tPHL
Maximum Propagation Delay , CS2 or CS3 to
Output Y (Figures 3 and 4)
2.0
4.5
6.0
120
24
20
150
30
26
180
36
31
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 2 and 4)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Package)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
55
pF
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn