Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM628128ALR-8L Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HM628128ALR-8L
Description  131,072-word X 8-bit High Speed CMOS Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128ALR-8L Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HM628128ALR-8L Datasheet HTML 1Page - Hitachi Semiconductor HM628128ALR-8L Datasheet HTML 2Page - Hitachi Semiconductor HM628128ALR-8L Datasheet HTML 3Page - Hitachi Semiconductor HM628128ALR-8L Datasheet HTML 4Page - Hitachi Semiconductor HM628128ALR-8L Datasheet HTML 5Page - Hitachi Semiconductor HM628128ALR-8L Datasheet HTML 6Page - Hitachi Semiconductor HM628128ALR-8L Datasheet HTML 7Page - Hitachi Semiconductor HM628128ALR-8L Datasheet HTML 8Page - Hitachi Semiconductor HM628128ALR-8L Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to VSS
VCC
–0.5 to +7.0
V
Voltage on any pin relative to VSS*1
VT
–0.5 *2 to VCC + 0.3*3
V
Power dissipation
PT
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Storage temperature under bias
Tbias
–10 to +85
°C
Note:
1. With respect to VSS
2. –3.0 V for pulse half-width
≤ 30 ns
3. Maximum voltage is 7.0V.
Recommended DC Operating Conditions (Ta = 0 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
VSS
000V
Input voltage
VIH
2.2
VCC + 0.3
V
(HM628128A-7/8/10)
VIL
–0.3 *1
0.8
V
Input voltage
VIH
2.4
VCC + 0.3
V
(HM628128A-5)
VIL
–0.3 *1
0.8
V
Note:
1. –3.0 V for pulse half-width
≤ 30 ns
5
HM628128A Series


Similar Part No. - HM628128ALR-8L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128 HITACHI-HM628128 Datasheet
124Kb / 20P
   1 M SRAM (128-kword x 8-bit)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128BLF-7 HITACHI-HM628128BLF-7 Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128BLF-7SL HITACHI-HM628128BLF-7SL Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128BLF-8 HITACHI-HM628128BLF-8 Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
More results

Similar Description - HM628128ALR-8L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
logo
Sony Corporation
CXK591000TM SONY-CXK591000TM Datasheet
271Kb / 13P
   131,072-word X 9-bit High Speed CMOS Static RAM
logo
Toshiba Semiconductor
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com