Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C003-MD-XXX-Y-DB Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # C003-MD-XXX-Y-DB
Description  All dimensions are in mm; tolerances according to ISO 2768 c-H
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

C003-MD-XXX-Y-DB Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  C003-MD-XXX-Y-DB Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG C003-MD-XXX-Y-DB Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG C003-MD-XXX-Y-DB Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG C003-MD-XXX-Y-DB Datasheet HTML 4Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data Sheet - DRAFT
CABLE ASSEMBLY
ROPD FEMALE CONNECTOR
C003-MD-XXX-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 4
All dimensions are in mm; tolerances according to ISO 2768 c-H
General Information
RoPD cable assembly with panel plug consisting of
Panel plug with magnets
Panel plug, straight, 4-hole flange
Second side
Open
Color
White, similar RAL 9003
cable length
Range length "a"
100 to 1000
1001 to 2000
2001 to 5000
> 5000
Tolerance for "a"
±5
±10
±20
±1%


Similar Part No. - C003-MD-XXX-Y-DB

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
C003-MA-XXX-Y-DB ROSENBERGER-C003-MA-XXX-Y-DB Datasheet
680Kb / 5P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
C003-MB-XXX-Y-DB ROSENBERGER-C003-MB-XXX-Y-DB Datasheet
695Kb / 5P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
C003-MC-XXX-Y-DB ROSENBERGER-C003-MC-XXX-Y-DB Datasheet
1Mb / 4P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
More results

Similar Description - C003-MD-XXX-Y-DB

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
C003-MB-XXX-Y-DB ROSENBERGER-C003-MB-XXX-Y-DB Datasheet
695Kb / 5P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
C003-MC-XXX-Y-DB ROSENBERGER-C003-MC-XXX-Y-DB Datasheet
1Mb / 4P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
C003-MA-XXX-Y-DB ROSENBERGER-C003-MA-XXX-Y-DB Datasheet
680Kb / 5P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
L99-029-XXX-DB ROSENBERGER-L99-029-XXX-DB Datasheet
977Kb / 4P
   All dimensions are in mm; tolerances according to ISO 2768 C
L99-A0039-XXX-DB ROSENBERGER-L99-A0039-XXX-DB Datasheet
978Kb / 4P
   All dimensions are in mm; tolerances according to ISO 2768 C
L99-M0015-XXX-Y-DB ROSENBERGER-L99-M0015-XXX-Y-DB Datasheet
625Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 c
L99-M0014-XXX-Y-DB ROSENBERGER-L99-M0014-XXX-Y-DB Datasheet
625Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 c
32S15R-1-0E3 ROSENBERGER-32S15R-1-0E3 Datasheet
513Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
53K101-115N5 ROSENBERGER-53K101-115N5 Datasheet
46Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
L99-989-XXX-DB2 ROSENBERGER-L99-989-XXX-DB2 Datasheet
725Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com