Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C003-MA-XXX-Y-DB Datasheet(PDF) 5 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # C003-MA-XXX-Y-DB
Description  All dimensions are in mm; tolerances according to ISO 2768 c-H
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

C003-MA-XXX-Y-DB Datasheet(HTML) 5 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  C003-MA-XXX-Y-DB Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG C003-MA-XXX-Y-DB Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG C003-MA-XXX-Y-DB Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG C003-MA-XXX-Y-DB Datasheet HTML 4Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG C003-MA-XXX-Y-DB Datasheet HTML 5Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Technical Data Sheet Draft
CABLE ASSEMBLY
ROPD FEMALE CONNECTOR
C003-MA-XXX-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
5 / 5
Packing
According to VK 18.0000
Packaging Instruction for standard packaging of components
with magnets.
Packing unit depends on cable length, max. 8kg
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
T. Scheuerlein
02.02.17
T. Scheuerlein
03.05.17
100
17-v316
A.
Streibl
03.05.17
Preliminary
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.
Caution!
Magnets can impact the function of pace makers and implantable cardioverter-
defibrillators (e.g. actuation of reed switch). Keep a minimum distance of 0.2 m
(20 cm) between the magnetic connector and the implanted devices to prevent
malfunction and danger to health.


Similar Part No. - C003-MA-XXX-Y-DB

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
C003-MB-XXX-Y-DB ROSENBERGER-C003-MB-XXX-Y-DB Datasheet
695Kb / 5P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
C003-MC-XXX-Y-DB ROSENBERGER-C003-MC-XXX-Y-DB Datasheet
1Mb / 4P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
C003-MD-XXX-Y-DB ROSENBERGER-C003-MD-XXX-Y-DB Datasheet
1Mb / 4P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
More results

Similar Description - C003-MA-XXX-Y-DB

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
C003-MB-XXX-Y-DB ROSENBERGER-C003-MB-XXX-Y-DB Datasheet
695Kb / 5P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
C003-MC-XXX-Y-DB ROSENBERGER-C003-MC-XXX-Y-DB Datasheet
1Mb / 4P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
C003-MD-XXX-Y-DB ROSENBERGER-C003-MD-XXX-Y-DB Datasheet
1Mb / 4P
   All dimensions are in mm; tolerances according to ISO 2768 c-H
L99-029-XXX-DB ROSENBERGER-L99-029-XXX-DB Datasheet
977Kb / 4P
   All dimensions are in mm; tolerances according to ISO 2768 C
L99-A0039-XXX-DB ROSENBERGER-L99-A0039-XXX-DB Datasheet
978Kb / 4P
   All dimensions are in mm; tolerances according to ISO 2768 C
L99-M0015-XXX-Y-DB ROSENBERGER-L99-M0015-XXX-Y-DB Datasheet
625Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 c
L99-M0014-XXX-Y-DB ROSENBERGER-L99-M0014-XXX-Y-DB Datasheet
625Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 c
32S15R-1-0E3 ROSENBERGER-32S15R-1-0E3 Datasheet
513Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
53K101-115N5 ROSENBERGER-53K101-115N5 Datasheet
46Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
L99-989-XXX-DB2 ROSENBERGER-L99-989-XXX-DB2 Datasheet
725Kb / 2P
   All dimensions are in mm; tolerances according to ISO 2768 m-H
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com