Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3B3565P Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ICE3B3565P
Description  Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B3565P Datasheet(HTML) 5 Page - Infineon Technologies AG

  ICE3B3565P Datasheet HTML 1Page - Infineon Technologies AG ICE3B3565P Datasheet HTML 2Page - Infineon Technologies AG ICE3B3565P Datasheet HTML 3Page - Infineon Technologies AG ICE3B3565P Datasheet HTML 4Page - Infineon Technologies AG ICE3B3565P Datasheet HTML 5Page - Infineon Technologies AG ICE3B3565P Datasheet HTML 6Page - Infineon Technologies AG ICE3B3565P Datasheet HTML 7Page - Infineon Technologies AG ICE3B3565P Datasheet HTML 8Page - Infineon Technologies AG ICE3B3565P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Version 1.3
5
15 Sep 2004
CoolSET™-F3
Type
Ordering Code
Package
V
DS
F
OSC
R
DSon
1)
230VAC ±15%
2)
85-265 VAC
2)
ICE3A2065I
Q67040-S4696-A101
P-TO-220-6-46
650V
100kHz
3.00
102W
50W
ICE3A3065I
Q67040-S4697-A101
P-TO-220-6-46
650V
100kHz
2.10
128W
62W
ICE3A3565I
Q67040-S4699-A101
P-TO-220-6-46
650V
100kHz
1.55
170W
83W
ICE3A5065I
Q67040-S4702-A101
P-TO-220-6-46
650V
100kHz
0.95
220W
105W
ICE3A5565I
Q67040-S4704-A101
P-TO-220-6-46
650V
100kHz
0.79
240W
120W
ICE3B2065I
Q67040-S4686-A101
P-TO-220-6-46
650V
67kHz
3.00
102W
50W
ICE3B3065I
Q67040-S4687-A101
P-TO-220-6-46
650V
67kHz
2.10
128W
62W
ICE3B3565I
Q67040-S4689-A101
P-TO-220-6-46
650V
67kHz
1.55
170W
83W
ICE3B5065I
Q67040-S4692-A101
P-TO-220-6-46
650V
67kHz
0.95
220W
105W
ICE3B5565I
Q67040-S4694-A101
P-TO-220-6-46
650V
67kHz
0.79
240W
120W
ICE3A2065P
Q67040-S4698-A101
P-TO-220-6-47
650V
100kHz
3.00
102W
50W
ICE3A3065P
Q67040-S4700-A101
P-TO-220-6-47
650V
100kHz
2.10
128W
62W
ICE3A3565P
Q67040-S4701-A101
P-TO-220-6-47
650V
100kHz
1.55
170W
83W
ICE3A5065P
Q67040-S4703-A101
P-TO-220-6-47
650V
100kHz
0.95
220W
105W
ICE3A5565P
Q67040-S4705-A101
P-TO-220-6-47
650V
100kHz
0.79
240W
120W
ICE3B2065P
Q67040-S4688-A101
P-TO-220-6-47
650V
67kHz
3.00
102W
50W
ICE3B3065P
Q67040-S4690-A101
P-TO-220-6-47
650V
67kHz
2.10
128W
62W
ICE3B3565P
Q67040-S4691-A101
P-TO-220-6-47
650V
67kHz
1.55
170W
83W
ICE3B5065P
Q67040-S4693-A101
P-TO-220-6-47
650V
67kHz
0.95
220W
105W
ICE3B5565P
Q67040-S4695-A101
P-TO-220-6-47
650V
67kHz
0.79
240W
120W
1)
typ @ T=25°C
2)
Calculated maximum continuous input power in an open frame design at T
a=50°C, Tj=125°C and RthCA(external heatsink)=2.7K/W


Similar Part No. - ICE3B3565P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B3565P INFINEON-ICE3B3565P Datasheet
1Mb / 34P
   Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
More results

Similar Description - ICE3B3565P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3A0365 INFINEON-ICE3A0365_13 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3AS02 INFINEON-ICE3AS02_05 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com