Electronic Components Datasheet Search |
|
TP15AS220T05D12W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited |
|
TP15AS220T05D12W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited |
2 / 4 page TP15AS Series www.gztoppower.con TEL:020-82019000 Email:sales@gztoppower.com page 2 of 4 GENERAL CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Isolation voltage Input / Output 1 minute, leakage current 2mA 3000 VAC Seismic 10~55Hz 5 G Over-current protection Full input range Burp,Automatic recovery Cooling Free air convection Case material Flame-retardant plastic OUTPUT CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Voltage accuracy Io=0.1…1.0 x Ionom Vi=Vi rated ±3 % ±5 % Line regulation Vimin≤Vi≤Vimax ±0.5 % Load regulation Io=0.1…1.0 x Ionom Vimin≤ Vi≤Vimax ±1 % Auxiliary voltage accuracy Main Load and auxiliary load differ 25%,the auxiliary circuit of the load with at least 25%, the main circuit with the full load ±3 % Ripple and noise 20MHz bandwidth ±1 % Over-current protection Vimin≤Vi≤Vimax 120 % Switch frequency Vimin≤Vi≤Vimax 100 Hz INPUT CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Startup voltage 220VAC In module(165V-265V) 165 220 265 VAC Startup voltage 220VAC In module(85V-265V) 85 220 265 VAC Start rising time Non-capacitive load 20 ms ENVIRONMENT CHARACTERISTICS Parameter Conditions Min. Typ. Max. Units Operating temperature industrial-class -40 +70 ℃ Maximum case temperature industrial-class +95 ℃ Storage temperature Industry-class -40 +105 ℃ Relative humidity No condensation 5 90 RH(%) Temperature coefficient ±0.02 %/℃ Case temperature shall not exceed the maximum case temperature TOPPOWER |
Similar Part No. - TP15AS220T05D12W |
|
Similar Description - TP15AS220T05D12W |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |