Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KT347 Datasheet(PDF) 5 Page - Vaishali Semiconductor

Part No. KT347
Description  Polyester Film Capacitors KT Radial Epoxy Lacquered Type
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo 

KT347 Datasheet(HTML) 5 Page - Vaishali Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28113
134
Revision: 28-Feb-05
KT 347
Vishay BCcomponents
Polyester Film Capacitors
KT Radial Epoxy Lacquered Type
URdc = 630 V; URac = 200 V; Up-p = 560 V
C
(
µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 347 ..... AND PACKAGING
LOOSE IN BOX; lt = 4.0 +1.0/−0.5 mm
C-tol
=±10%
C-tol
=±10%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
Pitch
= 10.0 ±0.4 mm; d
t = 0.60 ±0.06 mm
lock lead
0.001
5.5
× 13.0 (16.0) × 13.5
0.7
61102
2000
90276
1250
0.0012
61122
90277
0.0015
61152
90278
0.0018
61182
90279
0.0022
61222
90281
0.0027
61272
90282
0.0033
61332
90283
0.0039
61392
90284
0.0047
6.0
× 13.5 (16.5) × 13.5
0.7
61472
2000
90285
2000
0.0056
6.5
× 14.0 (17.0) × 13.5
0.8
61562
2000
90286
1750
0.0068
7.0
× 14.5 (17.5) × 13.5
0.9
61682
2000
90287
1750
Pitch
= 15.0 ±0.4 mm; d
t = 0.80 ±0.08 mm
lock lead
0.0082
5.5
× 14.0 (17.0) × 19.0
1.1
61822
2000
90288
1500
0.01
6.0
× 14.5 (17.5) × 19.0
1.2
61103
2000
90289
1500
0.012
7.0
× 15.5 (18.5) × 19.0
1.3
61123
2000
90291
1250
0.015
7.5
× 16.0 (19.0) × 19.0
1.5
61153
2000
90292
1000
0.018
8.0
× 16.5 (19.5) × 19.0
1.7
61183
2000
90293
1000
0.022
8.5
× 17.0 (20.0) × 19.0
2.0
61223
1000
90294
900
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
lock lead
0.027
7.5
× 18.0 (21.0) × 27.0
2.5
61273
1000
90295
800
0.033
7.5
× 18.5 (21.5) × 27.0
2.8
61333
1000
90233
800
0.039
8.0
× 19.5 (22.5) × 27.0
3.0
61393
500
90296
500
0.047
9.0
× 20.0 (23.0) × 27.0
3.5
61473
500
90297
450
0.056
10.0
× 21.0 (24.0) × 27.0
3.8
61563
500
90298
400
0.068
11.0
× 22.0 (25.0) × 27.0
4.4
61683
500
90299
350
CAPACITANCE
470 nF
1 nF
f (Hz)
10
2
10
3
10
4
10
5
2
0
-1
-2
-3
1
1 nF
470 nF
typical
-60
8
0
-4
-8
4
-20
20
60
100
Tamb (
°C)
min.
max.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn