Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KT347 Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part No. KT347
Description  Polyester Film Capacitors KT Radial Epoxy Lacquered Type
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo 

KT347 Datasheet(HTML) 3 Page - Vaishali Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28113
132
Revision: 28-Feb-05
KT 347
Vishay BCcomponents
Polyester Film Capacitors
KT Radial Epoxy Lacquered Type
URdc = 100 V; URac = 50 V; Up-p = 140 V
URdc = 250 V; URac = 80 V; Up-p = 225 V
C
(
µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 347 ..... AND PACKAGING
LOOSE IN BOX; lt = 4.0 +1.0/−0.5 mm
C-tol
=±10%
C-tol
=±10%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
Pitch
= 10.0 ±0.4 mm; d
t = 0.60 ±0.06 mm
lock lead
0.015
5.5
× 13.0 (16.0) × 13.5
0.7
21153
1250
90238
1250
0.018
21183
90239
0.022
21223
90241
0.027
21273
90242
0.033
6.0
× 13.5 (16.5) × 13.5
0.7
21333
2000
90236
2000
0.039
6.5
× 14.0 (17.0) × 13.5
0.8
21393
1750
90243
1750
0.047
7.0
× 14.5 (17.5) × 13.5
0.9
21473
1750
90244
1750
Pitch
= 15.0 ±0.4 mm; d
t = 0.80 ±0.08 mm
lock lead
0.056
5.5
× 14.0 (17.0) × 19.0
1.2
21563
1500
90245
1500
0.068
6.0
× 14.5 (17.5) × 19.0
1.3
21683
1500
90235
1500
0.082
7.0
× 15.5 (18.5) × 19.0
1.5
21823
1250
90212
1250
0.1
7.5
× 16.0 (19.0) × 19.0
1.7
21104
1000
90224
1000
0.12
8.0
× 16.5 (19.5) × 19.0
1.9
21124
1000
90246
1000
0.15
8.5
× 17.0 (20.0) × 19.0
2.3
21154
900
90247
900
Pitch
= 22.5 ±0.4 mm; d
t = 0.80 ±0.08 mm
lock lead
0.18
7.5
× 18.0 (21.0) × 27.0
2.8
21184
800
90248
800
0.22
7.5
× 18.5 (21.5) × 27.0
3.2
21224
800
90249
800
0.27
8.0
× 19.5 (22.5) × 27.0
3.8
21274
500
90251
500
0.33
9.0
× 20.0 (23.0) × 27.0
4.4
21334
450
90252
450
0.39
10.0
× 21.0 (24.0) × 27.0
5.1
21394
400
90253
400
0.47
11.0
× 22.0 (25.0) × 27.0
6.0
21474
350
90254
350
C
(
µF)
DIMENSIONS
wmax × hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 347 ..... AND PACKAGING
LOOSE IN BOX; lt = 4.0 +1.0/−0.5 mm
C-tol
=±10%
C-tol
=±10%
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
Pitch
= 10.0 ±0.4 mm; d
t = 0.60 ±0.06 mm
lock lead
0.0082
5.5
× 13.0 (16.0) × 13.5
0.7
41822
2000
90255
1250
0.01
41103
90256
0.012
41123
90257
0.015
41153
90258
0.018
6.0
× 13.5 (16.5) × 13.5
0.7
41183
2000
90259
2000
0.022
6.5
× 14.0 (17.0) × 13.5
0.8
41223
2000
90225
1750
0.027
7.0
× 14.5 (17.5 × 13.5
0.9
41273
2000
90261
1750
Pitch
= 15.0 ±0.4 mm; d
t = 0.80 ±0.08 mm
lock lead
0.033
5.5
× 14.0 (17.0) × 19.0
1.1
41333
2000
90213
1500
0.039
6.0
× 14.5 (17.5) × 19.0
1.3
41393
2000
90262
1500
0.047
7.0
× 15.5 (18.5) × 19.0
1.4
41473
2000
90214
1250


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn