Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KT347 Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part No. KT347
Description  Polyester Film Capacitors KT Radial Epoxy Lacquered Type
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo 

KT347 Datasheet(HTML) 1 Page - Vaishali Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28113
130
Revision: 28-Feb-05
KT 347
Vishay BCcomponents
Polyester Film Capacitors
KT Radial Epoxy Lacquered Type
APPLICATIONS
Consumer and industrial. Especially where high currents
and/or steep pulses occur. DC or AC voltage
MARKING
Manufacturer emblem; C-value; tolerance; rated voltage;
code for dielectric material; code for factory of origin
DIELECTRIC
Polyester film
ELECTRODES
Aluminum foil
COATING
Flame retardant epoxy material (UL-class 94 V-0)
CONSTRUCTION
Film/foil mono construction
LEADS
Tinned wire
CAPACITANCE RANGE (E12 SERIES)
0.001 to 0.47
µF
CAPACITANCE TOLERANCE
±20%; ±10%
RATED (DC) VOLTAGE
100V; 250V; 400 V; 630V
RATED (AC) VOLTAGE
50 V; 80 V; 125 V; 200 V
CLIMATIC CATEGORY
40/100/21
RATED TEMPERATURE
85
°C
MAXIMUM APPLICATION TEMPERATURE
100
°C
REFERENCE SPECIFICATIONS
IEC 60384-11
PERFORMANCE GRADE
Grade 1 (long life)
FEATURES
10 to 22.5 mm lead pitch. Supplied loose in box
Lead (Pb)-free product
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
filmcaps.roeselare@vishay.com
168x12(halfpage)
w
Ødt
lt
h
l
>0.5
1.6
double
conical
hole
P
A
magnified view direction A
A
β° β°
β≤ 15°
l
lt
h
P
seating
plane (1)
A
α
(2)
Dimensions in mm.
(1) Hole
∅0.8 for d
t 0.6 mm.
Hole
∅1.0 for d
t = 0.8 mm.
(2) 0
≤α < 50°.
(3) A
= 2.0 ±0.5 mm (pitch = 10.0 mm).
A
= 3.5 ±1.0 mm (pitch = 15.0 and 22.5 mm).
e3


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn