Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3B5565I Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ICE3B5565I
Description  Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B5565I Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ICE3B5565I Datasheet HTML 5Page - Infineon Technologies AG ICE3B5565I Datasheet HTML 6Page - Infineon Technologies AG ICE3B5565I Datasheet HTML 7Page - Infineon Technologies AG ICE3B5565I Datasheet HTML 8Page - Infineon Technologies AG ICE3B5565I Datasheet HTML 9Page - Infineon Technologies AG ICE3B5565I Datasheet HTML 10Page - Infineon Technologies AG ICE3B5565I Datasheet HTML 11Page - Infineon Technologies AG ICE3B5565I Datasheet HTML 12Page - Infineon Technologies AG ICE3B5565I Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Version 1.3
9
15 Sep 2004
CoolSET™-F3
Pin Configuration and Functionality
1.5
Pin Functionality
SoftS (Soft Start & Auto Restart Control)
The SoftS pin combines the functions of Soft Start
during Start Up and error detection for Auto Restart
Mode. These functions are implemented and can be
adjusted by means of an external capacitor at SoftS to
ground. This capacitor also provides an adjustable
blanking window for high load jumps, before the IC
enters into Auto Restart Mode.
FB (Feedback)
The information about the regulation is provided by the
FB Pin to the internal Protection Unit and to the internal
PWM-Comparator to control the duty cycle. The FB-
Signal controls in case of light load the Active Burst
Mode of the controller.
CS (Current Sense)
The Current Sense pin senses the voltage developed
on the series resistor inserted in the source of the
integrated Depl-CoolMOS™. If CS reaches the internal
threshold of the Current Limit Comparator, the Driver
output is immediately switched off. Furthermore the
current
information
is
provided
for
the
PWM-
Comparator to realize the Current Mode.
Drain (Drain of integrated Depl-CoolMOS™)
Pin Drain is the connection to the Drain of the internal
Depl-CoolMOS
TM.
VCC (Power supply)
The VCC pin is the positive supply of the IC. The
operating range is between 8.5V and 21V.
GND (Ground)
The GND pin is the ground of the controller.


Similar Part No. - ICE3B5565I

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B5565I INFINEON-ICE3B5565I Datasheet
1Mb / 34P
   Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
More results

Similar Description - ICE3B5565I

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3A0365 INFINEON-ICE3A0365_13 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3AS02 INFINEON-ICE3AS02_05 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com