Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IL2-X009 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. IL2-X009
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2-X009 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL2-X009 Datasheet HTML 1Page - Vishay Siliconix IL2-X009 Datasheet HTML 2Page - Vishay Siliconix IL2-X009 Datasheet HTML 3Page - Vishay Siliconix IL2-X009 Datasheet HTML 4Page - Vishay Siliconix IL2-X009 Datasheet HTML 5Page - Vishay Siliconix IL2-X009 Datasheet HTML 6Page - Vishay Siliconix IL2-X009 Datasheet HTML 7Page - Vishay Siliconix IL2-X009 Datasheet HTML 8Page - Vishay Siliconix IL2-X009 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IL1/ IL2/ IL5
Document Number 83612
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
i179004
i179004
1
2
3
6
5
4
B
C
E
A
C
NC
Pb
Pb-free
e3
Optocoupler, Phototransistor Output, With Base Connection
Features
• Current Transfer Ratio (see order information)
• Isolation Test Voltage 5300 VRMS
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
Description
The IL1/ IL2/ IL5 are optically coupled isolated pairs
employing GaAs infrared LEDs and silicon NPN pho-
totransistor. Signal information, including a DC level,
can be transmitted by the drive while maintaining a
high degree of electrical isolation between input and
output. The IL1/ IL2/ IL5 are especially designed for
driving medium-speed logic and can be used to elim-
inate troublesome ground loop and noise problems
These couplers can be used also to replace relays
and transformers in many digital interface applica-
tions such as CRT modulation.
Order Information
For additional information on the available options refer to
Option Information.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is
not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Part
Remarks
IL1
CTR > 20 %, DIP-6
IL2
CTR > 100 %, DIP-6
IL5
CTR > 50 %, DIP-6
IL1-X006
CTR > 20 %, DIP-6 400 mil (option 6)
IL2-X006
CTR > 100 %, DIP-6 400 mil (option 6)
IL2-X009
CTR > 100 %, SMD-6 (option 9)
IL5-X009
CTR > 50 %, SMD-6 (option 9)
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6.0
V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn