Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT707278S20PF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT707278S20PF
Description  HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT707278S20PF Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT707278S20PF Datasheet HTML 1Page - Integrated Device Technology IDT707278S20PF Datasheet HTML 2Page - Integrated Device Technology IDT707278S20PF Datasheet HTML 3Page - Integrated Device Technology IDT707278S20PF Datasheet HTML 4Page - Integrated Device Technology IDT707278S20PF Datasheet HTML 5Page - Integrated Device Technology IDT707278S20PF Datasheet HTML 6Page - Integrated Device Technology IDT707278S20PF Datasheet HTML 7Page - Integrated Device Technology IDT707278S20PF Datasheet HTML 8Page - Integrated Device Technology IDT707278S20PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2000 Integrated Device Technology, Inc.
MAY 2000
DSC 3739/6
1
8Kx16
MEMORY
ARRAY
(BANK 3)
MUX
MUX
R/
WL
CE0L
CE1L
UBL
LBL
OEL
I/O8L-15L
I/O0L-7L
A12L
A0L(1)
A5L(1)
A0L(1)
LBL/UBL
OEL
R/
WL
CEL
MAILBOX
INTERRUPT
LOGIC
8Kx16
MEMORY
ARRAY
(BANK 1)
MUX
8Kx16
MEMORY
ARRAY
(BANK 0)
MUX
MUX
CONTROL
LOGIC
I/O
CONTROL
BANK
DECODE
ADDRESS
DECODE
R/
WR
CE0R
CE1R
UBR
LBR
OER
I/O8R-15R
I/O0R-7R
A12R
A0R(1)
CONTROL
LOGIC
I/O
CONTROL
BANK
DECODE
ADDRESS
DECODE
A5R(1)
A0R(1)
LBR/UBR
OER
R/
WR
CER
3739 drw 01
MBSELR
INTR
MBSELL
INTL
BKSEL3(2)
BKSEL0(2)
BANK
SELECT
BA1R
BA0R
BA1L
BA0L
MUX
HIGH-SPEED
32K x 16 BANK-SWITCHABLE
DUAL-PORTED SRAM WITH
EXTERNAL BANK SELECTS
Features
x
x
x
x
x
32K x 16 Bank-Switchable Dual-Ported SRAM Architecture
Four independent 8K x 16 banks
– 512 Kilobit of memory on chip
x
x
x
x
x
Fast asynchronous address-to-data access time: 15ns
x
x
x
x
x
User-controlled input pins included for bank selects
x
x
x
x
x
Independent port controls with asynchronous address &
data busses
x
x
x
x
x
Four 16-bit mailboxes available to each port for inter-
processor communications; interrupt option
IDT707278S/L
NOTES:
1. The first six address pins for each port serve dual functions. When
MBSEL = VIH, the pins serve as memory address inputs. When MBSEL = VIL, the pins
serve as mailbox address inputs.
2 . Each bank has an input pin assigned that allows the user to toggle the assignment of that bank between the two ports. Refer to Truth Table I for
more details.
Functional Block Diagram
x
x
x
x
x
Interrupt flags with programmable masking
x
x
x
x
x
Dual Chip Enables allow for depth expansion without
external logic
x
x
x
x
x
UB and LB are available for x8 or x16 bus matching
x
x
x
x
x
TTL-compatible, single 5V (±10%) power supply
x
x
x
x
x
Available in a 100-pin Thin Quad Flatpack (14mm x 14mm)


Similar Part No. - IDT707278S20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278S IDT-IDT707278S Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results

Similar Description - IDT707278S20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278 IDT-IDT707278_07 Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S_07 Datasheet
133Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7278S IDT-IDT70V7278S Datasheet
130Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707288S IDT-IDT707288S Datasheet
149Kb / 16P
   HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com