Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT821064 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # IDT821064
Description  QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT821064 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button IDT821064 Datasheet HTML 10Page - Integrated Device Technology IDT821064 Datasheet HTML 11Page - Integrated Device Technology IDT821064 Datasheet HTML 12Page - Integrated Device Technology IDT821064 Datasheet HTML 13Page - Integrated Device Technology IDT821064 Datasheet HTML 14Page - Integrated Device Technology IDT821064 Datasheet HTML 15Page - Integrated Device Technology IDT821064 Datasheet HTML 16Page - Integrated Device Technology IDT821064 Datasheet HTML 17Page - Integrated Device Technology IDT821064 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
14
INDUSTRIAL TEMPERATURE RANGE
IDT821064 QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
(after the message data in the FSK-RAM having been sent, the FS bit
will be cleared to '0' automatically).
3. The length of the Seizure Signal, Mark Signal and Flag Signal are
different in different system, for IDT821064, they can be programmed
by Global Command 13,14 and 11 respectively. It should be noted that,
the Seizure Length is two times of the value that set in Global Command
13, for example, if the SL[7:0] bits of Global Command 13 is 1(d), it
means that the Seizure Length is 2(d).
4. As is described in “Addressing of FSK-RAM”, the FSK-RAM consists
of 32 words, and each word consists of 16 bits (2 bytes), so it can contain
up to 64 bytes of message at one time. If the message data is longer
than 64 bytes, users should write them into the FSK-RAM two or more
times according to the length of the message.
5. The “Data length” is the number of bytes that written in the FSK-
RAM and need to be sent out. During the transmission of FSK signal, an
internal counter will count the number of data bytes that transmitted,
once it reaches the Data length, the FSK transmission is completed and
the FS bit is set to '0'.
6. Because there is only one FSK-RAM shared by four channels of
IDT821064, the FSK signal can only generate on one channel at one
time, the channel selection is done by the FCS[2:0] bits of Global
Command 15.
7. The FSK signal generated by the IDT821064 follows the BELL 202
and CCITT V.23 specifications. Users can select BT or Bellcore standard
by setting the BT/Bellcore Select bit (BS) in Global Command 15. The
difference between BT and Bellcore is shown in Table 3.
8. The “Mark After Send” bit (MAS) is useful if the total message data
is longer than 64 bytes. If the MAS is set to '1', then after sending one
frame of FSK-RAM message(=< 64 bytes), IDT821064 will keep sending
a series of '1' to hold the communication channel for sending next frame
of FSK message, and at the same time, users can update the FSK-
RAM with new data. This series of '1' will stop by set the MAS bit to '0' or
set the FO bit to '0'.
9. It should be noted that, when writing/reading message data to/from
the FSK-RAM via GCI interface, the sequence of read/write is MSB first;
but the FSK generator will send these signal (message data) out through
channel port with LSB first.
Refer to the IDT821064 Application Note for more information.
LEVEL METERING
The IDT821064 has a level meter which can be shared by all 4 signal
channels. The level meter is designed to emulate the off-chip PCM test
equipment so as to facilitate the line-card, subscriber line and user
telephone set monitoring. The level meter tests the returned signal and
reports the measurement result via MPI interface. When combined with
Tone Generation and Loopback modes, this allows the microprocessor
to test channel integrity. CS[1:0] bits in Global Command 19 select the
channel, signal on which will be metered.
Level Metering function is enabled by setting LMO bit to ‘1’ in Global
Command 19. There is a Level Meter Counter register for this function.
It can be accessed by Global Command 18. This register is used to
configure the number of time cycles for sampling PCM data (8 kHz
sampling rate). The output of Level Metering will be sent to Level Meter
Result Low and Level Meter Result High registers (Global Command
16 and 17). The LVLL register contains the lower 7 bits of the output and
a data-ready bit (LVLL[0]), while the LVLH register contains the higher 8
bits of the output. An internal accumulator sums the rectified samples
until the number configured by Level Meter Counter register is reached.
By then, the LVLL[0] bit is set to ‘1’ and accumulation result is latched
into the LVLL and LVLH registers simultaneously.
Once the LVLH register is read, the LVLL[0] bit will be reset. The LVLL[0]
bit will be set high again by a new data available. The contents in LVLL and
LVLH will be overwritten by later metering result if they are not read out yet.
In Level Metering result read operation, it is highly recommended to read
LVLL first.
L/C bit in Global Command 19 determines the mode of Level Meter
operation. When L/C bit is ‘1’, the Level Meter will measure the linear
PCM data, and if LVLL[0] bit is ‘1’ , the measure result will be output to
LVLH and LVLL. When L/C bit is ‘0’, compressed PCM will be output
transparently to LVLH.
The calculation and method of level metering will be described in the
Application Note.
CHANNEL POWER DOWN/STANDBY MODE
Each individual channel of IDT821064 can be powered down
independently by Local Command 9. When the channel is powered
down (enters into standby mode), The transmission and reception of
PCM data, D/A and A/D converters are disabled. In this way, power
consumption of the device can be reduced. When IDT821064 is powered
up or reset, all four channels will be powered down. All circuits that contain
programmed information retain their data when powered down. MPI
(Microprocessor Interface) is always active so that new command could
be received and executed.
POWER DOWN PLL/SUSPEND MODE
A suspend mode is offered to the whole chip to save power. In this
mode, the PLL block is turned off and DSP operation is disabled. This
mode saves much more power consumption than standby mode. In
this mode, only Global Command and Local Command can be
executed. RAM operation is disabled as internal clock has been turned
off. The PLL blocks can be powered down by Global Command 20.
Suspend mode can be entered by powering down PLL and all channels.
Table 3 - BT/Bellcore Standard of FSK Signal
Item
BT
Bellcore
Mark( 1 )
frequency
1300 Hz ± 1.5%
1200Hz ± 1.1%
Space ( 0 )
frequency
2100 Hz ± 1.1%
2200 Hz ± 1.1%
Transmission
rate
1200 baud ± 1%
1200 baud ± 1 %
Word format
1 start bit which is ‘0’,
8 word bits (with least
significant bit LSB first),
1 stop bit which is ‘1’
1 start bit which is ‘0’
8 word bits (with
least significant bit
LSB first) 1 stop bit
which is ‘1’


Similar Part No. - IDT821064

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT821068PX IDT-IDT821068PX Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
More results

Similar Description - IDT821064

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
List of Unclassifed Man...
IDT821054PQFG ETC-IDT821054PQFG Datasheet
512Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Integrated Device Techn...
IDT821054 IDT-IDT821054 Datasheet
506Kb / 45P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Renesas Technology Corp
IDT821054 RENESAS-IDT821054 Datasheet
788Kb / 46P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
2003
logo
Integrated Device Techn...
IDT821054A IDT-IDT821054A Datasheet
512Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com