Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRBH-03H180 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # SRBH-03H180
Description  9 VDC ??36 VDC Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBH-03H180 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button SRBH-03H180 Datasheet HTML 4Page - Bel Fuse Inc. SRBH-03H180 Datasheet HTML 5Page - Bel Fuse Inc. SRBH-03H180 Datasheet HTML 6Page - Bel Fuse Inc. SRBH-03H180 Datasheet HTML 7Page - Bel Fuse Inc. SRBH-03H180 Datasheet HTML 8Page - Bel Fuse Inc. SRBH-03H180 Datasheet HTML 9Page - Bel Fuse Inc. SRBH-03H180 Datasheet HTML 10Page - Bel Fuse Inc. SRBH-03H180 Datasheet HTML 11Page - Bel Fuse Inc. SRBH-03H180 Datasheet HTML 12Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
xRBH-03Hxx0 Series
tech.support@psbel.com
SRBH-03Hxx0
PIN
FUNCTION
1
Remote On/Off
2
Vin
3
Ground
4
Vout
5
Trim
6
N/A
7
N/A
NOTE: These parts are not however compatible with the higher temperatures associated with lead free solder processes and must be
soldered using a reflow profile with a peak temperature of no more than 245
C.
NOTE:
1)
All Pins: Material - Copper Alloy;
Finish – 3 micro inches minimum Gold over 50 micro inches minimum Nickel plate
2)
Undimensioned components are shown for visual reference only.
3)
All dimensions in inches (mm); Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm) x.xxx +/-0.010 in. (x.xx +/-0.25mm).


Similar Part No. - SRBH-03H180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
SRBH-06H1A1 BEL-SRBH-06H1A1 Datasheet
1Mb / 14P
   8 - 36 VDC Input
SRBH-06H1A1G BEL-SRBH-06H1A1G Datasheet
1Mb / 14P
   8 - 36 VDC Input
SRBH-06H1A1R BEL-SRBH-06H1A1R Datasheet
1Mb / 14P
   8 - 36 VDC Input
More results

Similar Description - SRBH-03H180

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RQB-C2Q12X BEL-0RQB-C2Q12X Datasheet
881Kb / 21P
   9-36 VDC Input Fixed Frequency
SRBH-06H1A1 BEL-SRBH-06H1A1 Datasheet
1Mb / 14P
   8 - 36 VDC Input
logo
Wall Industries,Inc.
LANC2412UW12 WALL-LANC2412UW12 Datasheet
912Kb / 14P
   DC/DC Converter 9-36 VDC Input 12 VDC Output at 1.0A
LANC2415UW12 WALL-LANC2415UW12 Datasheet
912Kb / 14P
   DC/DC Converter 9-36 VDC Input 15 VDC Output at 0.8A
LANC2433UW12 WALL-LANC2433UW12 Datasheet
923Kb / 14P
   DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
LANC2405UW12 WALL-LANC2405UW12 Datasheet
919Kb / 14P
   DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
logo
Bel Fuse Inc.
SSQE48T25025 BEL-SSQE48T25025 Datasheet
837Kb / 14P
   36-75 VDC Input; 2.5 VDC @ 25 A
logo
Lineage Power Corporati...
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
   36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
logo
Bel Fuse Inc.
SQE48T40025 BEL-SQE48T40025 Datasheet
1Mb / 13P
   36-75 VDC Input; 2.5 VDC @ 40 A Output
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com