Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE3B0565 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # ICE3B0565
Description  Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B0565 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button ICE3B0565 Datasheet HTML 10Page - Infineon Technologies AG ICE3B0565 Datasheet HTML 11Page - Infineon Technologies AG ICE3B0565 Datasheet HTML 12Page - Infineon Technologies AG ICE3B0565 Datasheet HTML 13Page - Infineon Technologies AG ICE3B0565 Datasheet HTML 14Page - Infineon Technologies AG ICE3B0565 Datasheet HTML 15Page - Infineon Technologies AG ICE3B0565 Datasheet HTML 16Page - Infineon Technologies AG ICE3B0565 Datasheet HTML 17Page - Infineon Technologies AG ICE3B0565 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
CoolSET™-F3
Functional Description
Version 1.3
14
15 Sep 2004
3.5
Current Limiting
Figure 12
Current Limiting Block
There is a cycle by cycle Current Limiting realized by
the Current-Limit comparator C10 to provide an
overcurrent detection. The source current of the
external Power Switch is sensed via an external sense
resistor R
Sense . By means of RSense the source current
is transformed to a sense voltage V
Sense which is fed
into the pin CS. If the voltage V
Sense exceeds the
internal threshold voltage V
csth the comparator C10
immediately turns off the gate drive by resetting the
PWM Latch FF1. A Propagation Delay Compensation
is added to support the immediate shut down without
delay of the Power Switch in case of Current Limiting.
The influence of the AC input voltage on the maximum
output power can thereby be avoided.
To prevent the Current Limiting from distortions caused
by leading edge spikes a Leading Edge Blanking is
integrated
in
the
current
sense
path
for
the
comparators C10, C12 and the PWM-OP.
The output of comparator C12 is activated by the Gate
G10 if Active Burst Mode is entered. Once activated the
current limiting is thereby reduced to 0.257V. This
voltage level determines the power level when the
Active Burst Mode is left if there is a higher power
demand.
3.5.1
Leading Edge Blanking
Figure 13
Leading Edge Blanking
Each time when the external Power Switch is switched
on, a leading edge spike is generated due to the
primary-side capacitances and secondary-side rectifier
reverse recovery time. This spike can cause the gate
drive to switch off unintentionally. To avoid a premature
termination of the switching pulse, this spike is blanked
out with a time constant of t
LEB = 220ns. During this
time, the gate drive will not be switched off.
3.5.2
Propagation Delay Compensation
In case of overcurrent detection, the switch-off of the
external
Power
Switch
is
delayed
due
to
the
propagation delay of the circuit. This delay causes an
overshoot of the peak current I
peak which depends on
the ratio of dI/dt of the peak current (see Figure 13).
Figure 14
Current Limiting
The overshoot of Signal2 is bigger than of Signal1 due
to the steeper rising waveform. This change in the
slope
is
depending
on
the
AC
input
voltage.
Propagation Delay Compensation is integrated to limit
the overshoot dependency on dI/dt of the rising primary
current. That means the propagation delay time
between exceeding the current sense threshold V
csth
and the switch off of the external Power Switch is
compensated over temperature within a wide range.
C10
C12
&
0.257V
Leading
Edge
Blanking
220ns
G10
Propagation-Delay
Compensation
V
csth
Active Burst
Mode
PWM Latch
FF1
10k
D1
1pF
PWM-OP
CS
Current Limiting
t
V
Sense
V
csth
t
LEB = 220ns
t
I
Sense
I
Limit
t
Propagation Delay
I
Overshoot1
I
peak1
Signal2
Signal1
I
Overshoot2
I
peak2


Similar Part No. - ICE3B0565

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0565 INFINEON-ICE3B0565 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3B0565J INFINEON-ICE3B0565J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0565J INFINEON-ICE3B0565J Datasheet
988Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3B0565J INFINEON-ICE3B0565J Datasheet
938Kb / 28P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
ICE3B0565J INFINEON-ICE3B0565J Datasheet
1Mb / 34P
   Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
More results

Similar Description - ICE3B0565

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3A0365 INFINEON-ICE3A0365_13 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3AS02 INFINEON-ICE3AS02_05 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com