Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPSPFE3-02G Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SPSPFE3-02G
Description  Modules are hot-swap capable.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SPSPFE3-02G Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SPSPFE3-02G Datasheet HTML 1Page - Bel Fuse Inc. SPSPFE3-02G Datasheet HTML 2Page - Bel Fuse Inc. SPSPFE3-02G Datasheet HTML 3Page - Bel Fuse Inc. SPSPFE3-02G Datasheet HTML 4Page - Bel Fuse Inc. SPSPFE3-02G Datasheet HTML 5Page - Bel Fuse Inc. SPSPFE3-02G Datasheet HTML 6Page - Bel Fuse Inc. SPSPFE3-02G Datasheet HTML 7Page - Bel Fuse Inc. SPSPFE3-02G Datasheet HTML 8Page - Bel Fuse Inc. SPSPFE3-02G Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2015 Bel Power Solutions, Inc.
North America
+1-866.513.2839
Asia-Pacific
+86.755.29885888
Europe, Middle East
+353 61 225 977
tech.support@psbel.com
BCD.00575_001
Two 3-Phase inputs, one AC inlet powers 3
power modules.
Modules are hot-swap capable.
Modules support I2C communication interface
for control, programming and monitoring with
PMBus™ protocol.
Modules implement the following protections:
Overtemperature, output overvoltage and
output overcurrent.
RoHS Compliant.
SPSPFE3-0XG
power-shelf solutions provide
rectification, system management, and power
distribution, while maintaining high reliability
and offering flexibility for future expansion.
The power shelf can be configured with up to
six hot-swap capable PFE3000-12-069RA
AC/DC-DC power supplies that convert 3-
phase AC mains power into a main output of
12
VDC
for
powering
intermediate
bus
architectures (IBA) in high performance and
reliability
servers,
routers,
and
network
switches.
The shelf can be mounted to a 19inch or
21inch rack system using adaptor mounting
brackets and is compatible with the Open
Compute rack design.


Similar Part No. - SPSPFE3-02G

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SPSPFE3-04G BEL-SPSPFE3-04G Datasheet
949Kb / 14P
   Power Shelf
SPSPFE3-05G BEL-SPSPFE3-05G Datasheet
1Mb / 17P
   Two separate DC inputs, one DC inlet powers 3 power modules.
SPSPFE3-06G BEL-SPSPFE3-06G Datasheet
1Mb / 17P
   Two separate DC inputs, one DC inlet powers 3 power modules.
SPSPFE3-07 BEL-SPSPFE3-07 Datasheet
1Mb / 17P
   Two separate DC inputs, one DC inlet powers 3 power modules.
SPSPFE3-08 BEL-SPSPFE3-08 Datasheet
1Mb / 17P
   Two separate DC inputs, one DC inlet powers 3 power modules.
More results

Similar Description - SPSPFE3-02G

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com