Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4D-A5881-2 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 4D-A5881-2
Description  High Performance Servers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

4D-A5881-2 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  4D-A5881-2 Datasheet HTML 1Page - Bel Fuse Inc. 4D-A5881-2 Datasheet HTML 2Page - Bel Fuse Inc. 4D-A5881-2 Datasheet HTML 3Page - Bel Fuse Inc. 4D-A5881-2 Datasheet HTML 4Page - Bel Fuse Inc. 4D-A5881-2 Datasheet HTML 5Page - Bel Fuse Inc. 4D-A5881-2 Datasheet HTML 6Page - Bel Fuse Inc. 4D-A5881-2 Datasheet HTML 7Page - Bel Fuse Inc. 4D-A5881-2 Datasheet HTML 8Page - Bel Fuse Inc. 4D-A5881-2 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 866 513 2839
© 2015 Bel Power Solutions, Inc.
BCD.00034_AG
The PFE1100-12-054xD is an 1100 watt DC to DC power supply that
converts DC input into a main output of 12 VDC for powering
intermediate bus architectures (IBA) in high performance and reliability
servers, routers, and network switches.
The PFE1100-12-054xD meets international safety standards and
displays the CE-Mark for the European Low Voltage Directive (LVD).
Best-in-class, 80 PLUS certified “Platinum” efficiency
Best-in-class, “Platinum level” efficiency
Wide input voltage range: 40 – 72 VDC
Always-On 16.5 W programmable standby output (3.3/5 V)
Hot-plug capable
Parallel operation with active digital current sharing
High density design: 25.6 W/in3
Small form factor: 54.5 x 40.0 x 321.5 mm
I2C communication interface for control, programming and monitoring
with PSMI and PMBus™ protocol
Overtemperature, output overvoltage and overcurrent protection
256 Bytes of EEPROM for user information
2 Status LEDs: IN OK and OUT OK with fault signaling
High Performance Servers
Routers
Switches


Similar Part No. - 4D-A5881-2

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
4D-11 YINT-4D-11 Datasheet
836Kb / 8P
   MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
4D-11 LEIDITECH-4D-11 Datasheet
3Mb / 24P
   NTC Specification
4D-11 LEIDITECH-4D-11 Datasheet
2Mb / 24P
   NTC Specification
logo
Shanghai Yint Electroni...
4D-13 YINT-4D-13 Datasheet
836Kb / 8P
   MF72 power direct heat type negative temperature coefficient thermistor
logo
Shanghai Leiditech Elec...
4D-13 LEIDITECH-4D-13 Datasheet
3Mb / 24P
   NTC Specification
More results

Similar Description - 4D-A5881-2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PFE1300-48-054NA BEL-PFE1300-48-054NA Datasheet
2Mb / 23P
   High performance servers
PFE600-12-054XA BEL-PFE600-12-054XA Datasheet
1Mb / 22P
   High performance servers
PFE850-12-054XA BEL-PFE850-12-054XA Datasheet
1Mb / 23P
   High performance servers
PFE1500-12-054 BEL-PFE1500-12-054 Datasheet
1Mb / 27P
   High Performance Servers
logo
Intel Corporation
PRO1000MT INTEL-PRO1000MT Datasheet
421Kb / 2P
   High-Performance Gigabit Copper Connection for Servers
82572EI INTEL-82572EI Datasheet
156Kb / 4P
   High-performance Gigabit Network Connectivity for Servers and Embedded System Designs
logo
Amphenol Corporation
RJSNE AMPHENOL-RJSNE Datasheet
272Kb / 2P
   Network servers
RJSSE AMPHENOL-RJSSE Datasheet
219Kb / 2P
   Network servers
RJHSE AMPHENOL-RJHSE Datasheet
211Kb / 2P
   Network servers
RJE74 AMPHENOL-RJE74 Datasheet
270Kb / 2P
   Network servers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com