Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COVER-41-XBC3 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # COVER-41-XBC3
Description  Portable Equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

COVER-41-XBC3 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  COVER-41-XBC3 Datasheet HTML 1Page - Bel Fuse Inc. COVER-41-XBC3 Datasheet HTML 2Page - Bel Fuse Inc. COVER-41-XBC3 Datasheet HTML 3Page - Bel Fuse Inc. COVER-41-XBC3 Datasheet HTML 4Page - Bel Fuse Inc. COVER-41-XBC3 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The MBC41 Series of ultra-low open frame medical power supplies
feature a wide universal AC input range of 85 V – 264 VAC, offering
output power 40 W with natural convection cooling. They are available
in a variety of isolated single output voltages. The MBC41 ultra low
profile series is also available in a PCB mount format, facilitating simple
embedded integration onto user’s main PCB assembly.
The MBC Series is designed and approved to the latest medical
standards (EN/IEC 60601-1), providing 2 x MOPP isolation for Class I
& Class II applications.
These power supplies are ideal for medical, telecom, datacom,
industrial equipment and other applications.
3 x 2 x 0.75 Inches Form factor
PCB Mount option available
40 Watts Convection
Approved to EN/IEC 60601-1
Efficiencies 85% Typical
-40 to 70 degree operating temperature
Dual fusing
2 million hours, Telcordia -SR332-issue 3 MTBF
Standby Power < 0.3 W
Medical (BF) Safety Approvals
Diagnostic
Drug Pump
Monitoring
Dialysis
Home Health Care
Portable Equipment


Similar Part No. - COVER-41-XBC3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
COVER-41-XBC3 BEL-COVER-41-XBC3 Datasheet
630Kb / 5P
   PCB Mount option available
More results

Similar Description - COVER-41-XBC3

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STJ004SF KODENSHI-STJ004SF Datasheet
465Kb / 8P
   PORTABLE EQUIPMENT APPLICATION
STK003SF KODENSHI-STK003SF Datasheet
459Kb / 8P
   PORTABLE EQUIPMENT APPLICATION
logo
Toshiba Semiconductor
TPCP8201 TOSHIBA-TPCP8201 Datasheet
248Kb / 7P
   Portable Equipment Applications
logo
ON Semiconductor
LV24250LS ONSEMI-LV24250LS Datasheet
239Kb / 18P
   Compact Portable Equipment
June, 2013
logo
KODENSHI_AUK CORP.
STJ001SF KODENSHI-STJ001SF Datasheet
465Kb / 8P
   PORTABLE EQUIPMENT APPLICATION
STK004SF KODENSHI-STK004SF Datasheet
457Kb / 8P
   PORTABLE EQUIPMENT APPLICATION
logo
Toshiba Semiconductor
CUS01 TOSHIBA-CUS01_06 Datasheet
158Kb / 5P
   Portable Equipment Battery Application
logo
Shenzhen Guan Hua Wei Y...
WSD45P10DN56 WIINSOK-WSD45P10DN56 Datasheet
1Mb / 5P
   Portable equipment and battery
logo
Renesas Technology Corp
ISL88705 RENESAS-ISL88705 Datasheet
912Kb / 16P
   Portable/Battery Powered Equipment
logo
Ultralife Corporation.
UBBL08-01 ULTRALIFE-UBBL08-01 Datasheet
221Kb / 2P
   Rugged, portable electronic field equipment
Rev: E
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com