Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PET750-12-050 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # PET750-12-050
Description  Wide Input Voltage Range 90-264 VAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

PET750-12-050 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  PET750-12-050 Datasheet HTML 1Page - Bel Fuse Inc. PET750-12-050 Datasheet HTML 2Page - Bel Fuse Inc. PET750-12-050 Datasheet HTML 3Page - Bel Fuse Inc. PET750-12-050 Datasheet HTML 4Page - Bel Fuse Inc. PET750-12-050 Datasheet HTML 5Page - Bel Fuse Inc. PET750-12-050 Datasheet HTML 6Page - Bel Fuse Inc. PET750-12-050 Datasheet HTML 7Page - Bel Fuse Inc. PET750-12-050 Datasheet HTML 8Page - Bel Fuse Inc. PET750-12-050 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PET750-12-050xA
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions
BCD.00360_AC
General Condition: Tamb = -25 to 70°C unless otherwise noted.
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
Vi nom
Nominal Input Voltage
100
240
VAC
Vi
Input Voltage Ranges
Normal operating (Vi min to Vi max)
90
264
VAC
Ii max
Max Input Current
10
Arms
Ii p
Inrush Current Limitation1
(Cold start)
Vi min to Vi max, 90°(Phase), TNTC=25°C
50
Ap
Fi
Input Frequency
47
50/60
63
Hz
PF
Power Factor
Vi nom, 50Hz, I1 nom
0.95
W/VA
Vi on
Turn-on Input Voltage
Brown in
80
85
90
VAC
Vi off
Turn-off Input Voltage
Brown out
75
80
85
VAC
η
Efficiency without Fan
Vi nom, 0.2
∙Ix nom, Vx nom, TA = 25°C
92
%
Vi nom, 0.5
∙Ix nom, Vx nom, TA = 25°C
94.3
Vi nom, Ix nom, Vx nom, TA = 25°C
93.5
Thold
Hold-up Time
After last AC zero point, V1 > 10.8 V, VSB within
regulation, Vi = 230 VAC, Px nomX60%
24
ms
1
The charging currents for X capacitors are not considered as in-rush current
3.1 EFFICIENCY
The power supply module efficiency should meet at least 80Plus Platinum rating, the efficiency should be measured at 230
VAC and with external fan power according to 80Plus efficiency measurement specifications.
0.80
0.82
0.84
0.86
0.88
0.90
0.92
0.94
0.96
0.98
1.00
0.00 100.00 200.00 300.00 400.00 500.00 600.00 700.00 800.00
Po (W)
Vin=115Vac
Vin=230Vac
Figure 2 - Efficiency vs. Load current (ratio metric loading)
Figure 3 - Power factor vs. Load current


Similar Part No. - PET750-12-050

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PET750-12-050NA BEL-PET750-12-050NA Datasheet
1Mb / 19P
   AC-DC FRONT-END POWER SUPPLY
PET750-12-050ND BEL-PET750-12-050ND Datasheet
1Mb / 22P
   DC-DC FRONT END POWER SUPPLY
PET750-12-050RA BEL-PET750-12-050RA Datasheet
1Mb / 19P
   AC-DC FRONT-END POWER SUPPLY
PET750-12-050RD BEL-PET750-12-050RD Datasheet
1Mb / 22P
   DC-DC FRONT END POWER SUPPLY
PET750-12-050XA BEL-PET750-12-050XA Datasheet
1Mb / 19P
   AC-DC FRONT-END POWER SUPPLY
More results

Similar Description - PET750-12-050

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K30 FSP-FSP060-1K30 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K00 FSP-FSP060-1K00 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K40 FSP-FSP060-1K40 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP060-1K80 FSP-FSP060-1K80 Datasheet
138Kb / 1P
   Wide-range input 90-264 VAC
FSP042-1K40 FSP-FSP042-1K40 Datasheet
152Kb / 1P
   Wide-range input 90-264 VAC
logo
SL Power Electronics
GECA40 SLPOWER-GECA40 Datasheet
549Kb / 2P
   Wide-Range AC Input 90-264 VAC
GECA20 SLPOWER-GECA20 Datasheet
518Kb / 2P
   Wide-Range AC Input 90-264 VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com