Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICL3227E Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ICL3227E
Description  -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3227E Datasheet(HTML) 2 Page - Intersil Corporation

  ICL3227E Datasheet HTML 1Page - Intersil Corporation ICL3227E Datasheet HTML 2Page - Intersil Corporation ICL3227E Datasheet HTML 3Page - Intersil Corporation ICL3227E Datasheet HTML 4Page - Intersil Corporation ICL3227E Datasheet HTML 5Page - Intersil Corporation ICL3227E Datasheet HTML 6Page - Intersil Corporation ICL3227E Datasheet HTML 7Page - Intersil Corporation ICL3227E Datasheet HTML 8Page - Intersil Corporation ICL3227E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Ordering Information
(NOTE 1)
PART NO.
TEMP.
RANGE (°C)
PACKAGE
PKG. DWG. #
ICL3225ECA
0 to 70
20 Ld SSOP
M20.209
ICL3225CAZ
(See Note 2)
0 to 70
20 Ld SSOP
(Pb-Free)
M20.209
ICL3225EIA
-40 to 85
20 Ld SSOP
M20.209
ICL3225ECP
0 to 70
20 Ld PDIP
E20.3
ICL3227ECA
0 to 70
16 Ld SSOP
M16.209
ICL3227EIA
-40 to 85
16 Ld SSOP
M16.209
ICL3245ECA
0 to 70
28 Ld SSOP
M28.209
ICL3245ECAZ
(See Note 2)
0 to 70
28 Ld SSOP
(Pb-Free)
M28.209
ICL3245EIA
-40 to 85
28 Ld SSOP
M28.209
ICL3245ECB
0 to 70
28 Ld SOIC
M28.3
ICL3245EIB
-40 to 85
28 Ld SOIC
M28.3
NOTES:
1. Most surface mount devices are available on tape and reel; add
“-T” to suffix.
2.
Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
Ordering Information (Continued)
(NOTE 1)
PART NO.
TEMP.
RANGE (°C)
PACKAGE
PKG. DWG. #
Pinouts
ICL3225E (PDIP, SSOP)
TOP VIEW
ICL3227E (SSOP)
TOP VIEW
ICL3245E (SOIC, SSOP)
TOP VIEW
READY
C1+
V+
C1-
C2+
C2-
V-
T2OUT
R2IN
FORCEOFF
GND
T1OUT
R1IN
R1OUT
T1IN
INVALID
VCC
FORCEON
T2IN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
R2OUT
READY
C1+
V+
C1-
C2+
C2-
V-
R1IN
FORCEOFF
GND
T1OUT
FORCEON
T1IN
R1OUT
VCC
INVALID
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C2+
C2-
V-
R1IN
R2IN
R3IN
R4IN
R5IN
T1OUT
T3OUT
T3IN
T2IN
T1IN
C1+
VCC
GND
C1-
FORCEON
INVALID
R1OUT
R2OUT
R3OUT
R4OUT
R5OUT
V+
FORCEOFF
R2OUTB
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
T2OUT
ICL3225E, ICL3227E, ICL3245E


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn