Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICE3A0365 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. ICE3A0365
Description  Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3A0365 Datasheet(HTML) 4 Page - Infineon Technologies AG

  ICE3A0365 Datasheet HTML 1Page - Infineon Technologies AG ICE3A0365 Datasheet HTML 2Page - Infineon Technologies AG ICE3A0365 Datasheet HTML 3Page - Infineon Technologies AG ICE3A0365 Datasheet HTML 4Page - Infineon Technologies AG ICE3A0365 Datasheet HTML 5Page - Infineon Technologies AG ICE3A0365 Datasheet HTML 6Page - Infineon Technologies AG ICE3A0365 Datasheet HTML 7Page - Infineon Technologies AG ICE3A0365 Datasheet HTML 8Page - Infineon Technologies AG ICE3A0365 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Version 1.3
4
15 Sep 2004
CoolSET™-F3
Ordering Codes
Type
Ordering Code
Package
V
DS
F
OSC
R
DSon
1)
1)
typ @ T=25°C
230VAC ±15%
2)
2)
Calculated maximum input power rating at T
a=75°C, Tj=125°C and without copper area as heat sink.
85-265 VAC
2)
ICE3A0365
Q67040-S4666-A101
PG-DIP-8-6
650V
100kHz
6.45
22W
10W
ICE3A0565
Q67040-S4665-A101
PG-DIP-8-6
650V
100kHz
4.70
25W
12W
ICE3A1065
Q67040-S4664-A101
PG-DIP-8-6
650V
100kHz
2.95
32W
16W
ICE3A1565
Q67040-S4663-A101
PG-DIP-8-6
650V
100kHz
1.70
42W
20W
ICE3A2065
Q67040-S4662-A101
PG-DIP-8-6
650V
100kHz
0.92
57W
28W
ICE3A2565
Q67040-S4667-A101
PG-DIP-8-6
650V
100kHz
0.65
68W
33W
ICE3B0365
Q67040-S4636-A102
PG-DIP-8-6
650V
67kHz
6.45
22W
10W
ICE3B0565
Q67040-S4638-A102
PG-DIP-8-6
650V
67kHz
4.70
25W
12W
ICE3B1065
Q67040-S4669-A101
PG-DIP-8-6
650V
67kHz
2.95
32W
16W
ICE3B1565
Q67040-S4670-A101
PG-DIP-8-6
650V
67kHz
1.70
42W
20W
ICE3B2065
Q67040-S4671-A101
PG-DIP-8-6
650V
67kHz
0.92
57W
28W
ICE3B2565
Q67040-S4668-A101
PG-DIP-8-6
650V
67kHz
0.65
68W
33W
Type
Ordering Code
Package
V
DS
F
OSC
R
DSon
1)
1)
typ @ T=25°C
230VAC ±15%
2)
2)
Calculated maximum input power rating at T
a=75°C, Tj=125°C and without copper area as heat sink.
85-265 VAC
2)
ICE3A0565Z
Q67040-S4706-A101
PG-DIP-7-1
650V
100kHz
4.70
25W
12W
ICE3A2065Z
Q67040-S4707-A101
PG-DIP-7-1
650V
100kHz
0.92
57W
28W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn