Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2AS01 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # ICE2AS01
Description  PWM-FF IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 16Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 17Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 18Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 19Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 20Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 21Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 22Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 23Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Version 2.0
21
1 Feb 2002
ICE2AS01/G
ICE2BS01/G
Typical Performance Characteristics
Figure 35
Frequency Ratio f
OSC3 / fOSC4 vs. Tj
Figure 36
Max. Duty Cycle vs. T
j
Figure 37
PWM-OP Gain A
V vs. Tj
Figure 38
Feedback Resistance R
FB vs. Tj
Figure 39
Soft-Start Resistance R
Soft-Start vs. Tj
Figure 40
Detection Limit V
FB2 vs. Tj
Junction Temperature [°C]
3,25
3,27
3,29
3,31
3,33
3,35
3,37
3,39
3,41
3,43
3,45
-25 -15 -5
5
15
25
35
45
55
65
75
85
95 105 115 125
ICE2BSO1
ICE2BSO1G
Junction Temperature [°C]
0,710
0,712
0,714
0,716
0,718
0,720
0,722
0,724
0,726
0,728
0,730
-25 -15
-5
5
15
253545556575
8595
105 115 125
Junction Temperature [°C]
3,60
3,61
3,62
3,63
3,64
3,65
3,66
3,67
3,68
3,69
3,70
-25 -15
-5
5
15
25
35
45
55
65
75
85
95
105 115 125
Junction Temperature [°C]
3,50
3,55
3,60
3,65
3,70
3,75
3,80
3,85
3,90
3,95
4,00
-25 -15
-5
5
15
25
35
45
55
65
75
85
95
105 115 125
Junction Temperature [°C]
40
42
44
46
48
50
52
54
56
58
-25
-15
-5
5
1525354555657585
95
105 115 125
Junction Temperature [°C]
4,75
4,76
4,77
4,78
4,79
4,80
4,81
4,82
4,83
4,84
4,85
-25 -15
-5
5
1525
354555
65758595
105 115 125


Similar Part No. - ICE2AS01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
ICE2AS01G INFINEON-ICE2AS01G Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
ICE2AS01 INFINEON-ICE2AS01_06 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
More results

Similar Description - ICE2AS01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4916GG INFINEON-TDA4916GG Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
logo
E-Tech Electronics LTD
U3525 ETL-U3525 Datasheet
294Kb / 9P
   REGULATING PWM IC
logo
Unisonic Technologies
U3525 UTC-U3525_15 Datasheet
294Kb / 9P
   REGULATING PWM IC
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
logo
ON Semiconductor
LV8824QA ONSEMI-LV8824QA Datasheet
909Kb / 13P
   PWM Driver IC
May, 2013
logo
Rohm
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
logo
Unisonic Technologies
U3525 UTC-U3525 Datasheet
288Kb / 9P
   REGULATING PWM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com