Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2AS01 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # ICE2AS01
Description  PWM-FF IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 10Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 11Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 12Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 13Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 14Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 15Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 16Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 17Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Version 2.0
14
1 Feb 2002
ICE2AS01/G
ICE2BS01/G
Functional Description
Figure 22
Overvoltage Detection
The overvoltage detection is provided by Comparator
C1 only in the first time during the Auto Restart Mode
till the Soft-Start voltage exceeds the threshold of the
Comparator C2 at 4.0V and the voltage at pin FB is
above 4.8V. When VCC exceeds 16.5V during the
overvoltage detection phase C1 can set the Error-Latch
and the Burst Phase during Auto Restart Mode is
finished earlier. In that case T
Burst2 is shorter than TSoft-
Start . By means of C2 the normal operation mode is
prevented from overvoltage detection due to varying of
VCC concerning the regulation of the converter output.
When the voltage V
SoftS is above 4.0V the overvoltage
detection by C1 is deactivated.
3.8.3
Thermal Shut Down
Thermal Shut Down is latched by the Error-Latch when
junction temperature T
j
of the pwm controller is
exceeding an internal threshold of 140°C. In that case
the IC switches in Auto Restart Mode.
Note:
All the values which are mentioned in the
functional description are typical. Please refer
to Electrical Characteristics for min/max limit
values.
6.5V
C
So ft-S ta rt
VC C
R
S o ft-S ta rt
C1
16.5V
C2
4.0V
T1
So ftS
G1
E rror Latch
P o w e r Up Re se t


Similar Part No. - ICE2AS01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2AS01 INFINEON-ICE2AS01 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
ICE2AS01G INFINEON-ICE2AS01G Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
ICE2AS01 INFINEON-ICE2AS01_06 Datasheet
1Mb / 24P
   Off-Line SMPS Current Mode Controller
Version 2.1, 30 Jun 2006
More results

Similar Description - ICE2AS01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4916GG INFINEON-TDA4916GG Datasheet
748Kb / 30P
   PWM-FF IC, SMPS IC with MOSFET Driver Output
V2.0, 1 May 1996
logo
E-Tech Electronics LTD
U3525 ETL-U3525 Datasheet
294Kb / 9P
   REGULATING PWM IC
logo
Unisonic Technologies
U3525 UTC-U3525_15 Datasheet
294Kb / 9P
   REGULATING PWM IC
logo
Rohm
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
   PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
   PWM Control IC
logo
ON Semiconductor
LV8824QA ONSEMI-LV8824QA Datasheet
909Kb / 13P
   PWM Driver IC
May, 2013
logo
Rohm
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
   PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
   PWM Control IC
logo
Unisonic Technologies
U3525 UTC-U3525 Datasheet
288Kb / 9P
   REGULATING PWM IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com