Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE35654LF-36 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE35654LF-36
Description  2.4mm Male to 2.4mm Female Cable 36 Inch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35654LF-36 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE35654LF-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE35654LF-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE35654LF-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE35654LF-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors
Description
Connector 1
Connector 2
Type
2.4mm Male
2.4mm Female
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204, Type II, Class 1
MIL-G-45204, Type II, Class 2
Dielectric Type
PPO
PPO
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2700
Hex Size
5/16 in.
Torque
8 in-lbs [0.9 Nm]
Body Material and Plating
Passivated Stainless Steel
Passivated Stainless Steel
Body Plating Specification
ASTM B689
QQ-P-35
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
12/19/2011
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE35654LF-36 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information includ-
ing price, inventory and certifications: 2.4mm Male to 2.4mm Female Cable 36 Inch Length Using RG405 Coax, RoHS
PE35654LF-36
RF Cable Assemblies Technical Data Sheet
PE35654LF-36
2.4mm Male to 2.4mm Female Cable 36 Inch
Length Using RG405 Coax, RoHS


Similar Part No. - PE35654LF-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35654LF-12 PASTERNACK-PE35654LF-12 Datasheet
637Kb / 4P
   2.4mm Male to 2.4mm Female Cable 12 Inch
PE35654LF-18 PASTERNACK-PE35654LF-18 Datasheet
638Kb / 4P
   2.4mm Male to 2.4mm Female Cable 18 Inch
PE35654LF-24 PASTERNACK-PE35654LF-24 Datasheet
637Kb / 4P
   2.4mm Male to 2.4mm Female Cable 24 Inch
PE35654LF-48 PASTERNACK-PE35654LF-48 Datasheet
638Kb / 4P
   2.4mm Male to 2.4mm Female Cable 48 Inch
PE35654LF-6 PASTERNACK-PE35654LF-6 Datasheet
637Kb / 4P
   2.4mm Male to 2.4mm Female Cable 6 Inch
More results

Similar Description - PE35654LF-36

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35654LF-48 PASTERNACK-PE35654LF-48 Datasheet
638Kb / 4P
   2.4mm Male to 2.4mm Female Cable 48 Inch
PE35654LF-6 PASTERNACK-PE35654LF-6 Datasheet
637Kb / 4P
   2.4mm Male to 2.4mm Female Cable 6 Inch
PE35654LF-24 PASTERNACK-PE35654LF-24 Datasheet
637Kb / 4P
   2.4mm Male to 2.4mm Female Cable 24 Inch
PE35654LF-12 PASTERNACK-PE35654LF-12 Datasheet
637Kb / 4P
   2.4mm Male to 2.4mm Female Cable 12 Inch
PE35654LF-18 PASTERNACK-PE35654LF-18 Datasheet
638Kb / 4P
   2.4mm Male to 2.4mm Female Cable 18 Inch
PE35654LF-60 PASTERNACK-PE35654LF-60 Datasheet
637Kb / 4P
   2.4mm Male to 2.4mm Female Cable 60 Inch
PE35654-36 PASTERNACK-PE35654-36 Datasheet
636Kb / 4P
   2.4mm Male to 2.4mm Female Cable
PE35654-12 PASTERNACK-PE35654-12 Datasheet
637Kb / 4P
   2.4mm Male to 2.4mm Female Cable
PE35654-24 PASTERNACK-PE35654-24 Datasheet
637Kb / 4P
   2.4mm Male to 2.4mm Female Cable
PE35654-48 PASTERNACK-PE35654-48 Datasheet
637Kb / 4P
   2.4mm Male to 2.4mm Female Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com