Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3TC0900-48 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3TC0900-48
Description  RF Cable Assemblies Technical Data Sheet
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3TC0900-48 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3TC0900-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3TC0900-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3TC0900-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3TC0900-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3TC0900-48 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: 1.85mm Male
• Connector 2: 1.85mm Female
• Cable Type: PE-VNA-HF
Features
• Designed for use as VNA test port extenders
Highly flexible armored cable construction
• 1.40:1 VSWR to 67 GHz
Excellent amplitude and phase stability with flexure
• Non-conductive protective Nomex outer sleeve
• Each serialized assembly comes with test data
• In-stock and ready to ship same-day
Applications
• Vector Network analyzer test port
extenders
• Semiconductor probe testing
• Precise bench-top testing
• Lab and production testing
.
Description
Pasternack high performance high flex VNA test cables are designed to provide customers repeatable and accurate VNA mea-
surements. These Test cables have excellent electrical properties including low Insertion Loss, low VSWR and phase stability
of +/- 8° with flexure. The braided stainless steel armoring provides a rugged, but flexible cable with a life exceeding 100,000
flex cycles. The rugged connectors provide up to 5,000 mating cycles when attached with proper care. The flexibility of these
cables makes it easier and safer to test your Device Under Test (DUT). When used with the appropriate calibration kit, these
test cables effectively extend the test port of the VNA allowing for accurate measurements of devices that cannot be directly
connected to a network analyzer test port.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
67
GHz
VSWR
1.4:1
Velocity of Propagation
78
%
RF Shielding
100
dB
Group Delay
1.34 [4.4]
ns/ft [ns/m]
Capacitance
25.9 [84.97]
pF/ft [pF/m]
Input Power (Average)
18
Watts
Phase Stability with Flexure
8
Degrees
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.85mm Male to 1.85mm Female Precision Cable 48 Inch Length Using High Flex VNA Test
Coax, RoHS PE3TC0900-48
PE3TC0900-48 REV 1.0
1.85mm Male to 1.85mm Female Precision Cable 48 Inch
Length Using High Flex VNA Test Coax, RoHS
RF Cable Assemblies Technical Data Sheet
PE3TC0900-48


Similar Part No. - PE3TC0900-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3TC0900-24 PASTERNACK-PE3TC0900-24 Datasheet
442Kb / 5P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3TC0900-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4465-48 PASTERNACK-PE3C4465-48 Datasheet
449Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4481-6 PASTERNACK-PE3C4481-6 Datasheet
462Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4485-24 PASTERNACK-PE3C4485-24 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488 PASTERNACK-PE3C4488 Datasheet
465Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3C4488-6 PASTERNACK-PE3C4488-6 Datasheet
466Kb / 5P
   RF Cable Assemblies Technical Data Sheet
PE3CA1037-24 PASTERNACK-PE3CA1037-24 Datasheet
473Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1038-12 PASTERNACK-PE3CA1038-12 Datasheet
470Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1039-50CM PASTERNACK-PE3CA1039-50CM Datasheet
472Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1041-50CM PASTERNACK-PE3CA1041-50CM Datasheet
485Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1042-100CM PASTERNACK-PE3CA1042-100CM Datasheet
480Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1045-24 PASTERNACK-PE3CA1045-24 Datasheet
459Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com