Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCP-1600 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part No. RCP-1600
Description  1600W Rack Mountable Front End Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

RCP-1600 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION
1600W Rack Mountable Front End Rectifier
RCP-1600 series
File Name:RCP-1600-SPEC 2017-09-12
RCP-1600-12
RCP-1600-24
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE Note.6
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
Note.5
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
AC CURRENT (Typ.)
Note.5
12V
24V
125A
67A
0 ~ 125A
0 ~ 67A
1500W
1608W
150mVp-p
11.5 ~ 15V
200mVp-p
23.5 ~ 30V
±1.0%
±1.0%
±0.5%
±0.5%
1500ms, 60ms/230VAC at full load
16ms / 230VAC at 75% load
10ms / 230VAC at full load
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
0.97/230VAC at full load
88.5%
COLD START 35A/230VAC
14A/115VAC
8A/230VAC
15A/115VAC
8.5A/230VAC
<1.5mA / 230VAC
RCP-1600-48
48V
33.5A
0 ~ 33.5A
1608W
300mVp-p
47.5 ~ 58.8V
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.4
91%
93%
OVER TEMPERATURE
OVERLOAD
OVER VOLTAGE
105 ~ 115% rated output power
Protection type : Constant current limiting, unit will shut down o/p voltage after 5 sec. re-power on to recover
15.75 ~ 18.75V
Protection type : Shut down o/p voltage, re-power on to recover
Shut down o/p voltage, recovers automatically after temperature goes down
31.5 ~ 37.5V
63 ~ 75V
PROTECTION
Adjustment of output voltage is allowable to 40 ~ 125% of nominal output voltage(60~125% for 12V).
Please refer to the Function Manual in following pages.
FUNCTION
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
-30 ~ +70
(Refer to "Derating Curve")
20 ~ 90% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH non-condensing
±℃
0.03%/
(0 ~ 50
)
ENVIRONMENT
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
SAFETY STANDARDS
WITHSTAND VOLTAGE
UL60950-1, TUV EN60950-1 approved
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:1.5KVAC (0.5KVAC for 12V)
ISOLATION RESISTANCE
MTBF
DIMENSION
PACKING
OTHERS
162.2K hrs min.
Telcordia SR-332 (Bellcore) ; 39.3K hrs min.
MIL-HDBK-217F (25
)
300*85*41mm (L*W*H)
SAFETY &
EMC
(Note 7)
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
1.87Kg; 6pcs/12.2Kg/1.16CUFT
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Under parallel operation ripple of the output voltage may be higher than the SPEC at light load condition. It will go back to normal ripple level once the
output load is more than 5%.
4. Tolerance : includes set up tolerance, line regulation and load regulation.
5. Derating may be needed under low input voltages. Please check the derating curve for more details.
6. PV/PC functions when users are not operating on PMBus/CANBus. SVR functions when users are neither operating on PMBus/CANBus nor using PV/PC.
7. The power supply is considered a component which will be installed into a final equipment. All the EMC tests are been executed by mounting the unit on
a
mm*
mm metal plate with 1mm of thickness. The final equipment must be re-confirmed that it still meets EMC directives.
720
360
For guidance on how to
perform these EMC tests, please refer to “EMI testing of component power supplies.” (as available on http://www.meanwell.com)
8. The ambient temperature derating of 3.5 /1000m with fanless models and of 5 /1000m with fan models for operating altitude higher than 2000m(6500ft).
℃℃
EMC IMMUNITY
EMC EMISSION
Parameter
Parameter
ESD
Radiated
EFT / Burst
Surge
Conducted
Magnetic Field
Voltage Dips and Interruptions
Conducted
Radiated
Harmonic Current
Voltage Flicker
EN55024 , EN61204-3, EN61000-6-2
Standard
Standard
EN55032 (CISPR32) / EN55011 (CISPR11)
EN55032 (CISPR32) / EN55011 (CISPR11)
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
Test Level / Note
Test Level / Note
Level 3, 8KV air ; Level 2, 4KV contact
Level 3
Level 3
Level 4, 2KV/Line-Line 4KV/Line-Earth
Level 3
Level 4
>95% dip 0.5 periods, 30% dip 25 periods,
>95% interruptions 250 periods
Class B
Class A
-----
-----
ALARM SIGNAL
AUXILIARY POWER
Isolated TTL signal output for T-Alarm, AC-OK and DC-OK
5V @ 0.3A, 12V @ 0.8A
REMOTE SENSE
REMOTE ON OFF CONTROL
-
Compensate voltage drop on the load wiring up to 0.5V. Please refer to the Function Manual in following pages.
By electrical signal or dry contact
Power ON:short
Power OFF:open. Please refer to the Function Manual in following pages.
OUTPUT VOLTAGE
PROGRAMMABLE(PV) Note 6
OUTPUT CURRENT
PROGRAMMABLE(PC) Note 6 Please refer to the Function Manual in following pages.
Adjustment of constant current level is allowable to 20 ~ 100% of rated current.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn