Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCP-1600 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part No. RCP-1600
Description  1600W Rack Mountable Front End Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

RCP-1600 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Industrial automation
Distributed power architecture system
Wireless/telecommunication solution
Redundant power system
Electric vehicle charger system
Constant current source system
■ Model Encoding / Order Information
■ Description
RCP-1600 is a 1.6KW single output rack mountable front end AC/DC power supply with a 1U low profile
and a high power density up to 25W/inch . This series operates for 90~264VAC input voltage and offers
3
the models with the DC output mostly demanded from the industry. Each model is cooled by the built-in
DC fan with fan speed control, working for the temperature up to 70 . RCP-1600 provides vast design
flexibility by equipping various built-in functions such as the PMBus and CANBus communication protocol,
output programming, active current sharing (up to 24000W via three 19 rack shelves, RHP-1U), remote
control, auxiliary power, alarm signal, etc.
Universal AC input / Full range
(Withstand 300VAC surge input for 5 seconds)
Built-in active PFC function
High efficiency up to 93%
Forced air cooling by built-in DC fan
Output voltage and constant current level programmable
Built-in OR-ing FET, support hot swap (hot plug)
Active current sharing up to 8000W for one 19 rack shelf
Built-in I C interface, PMBus protocol
2
(Optional CANBus protocol)
Protections: Short circuit / Overload / Over voltage /
Over temperature
Optional conformal coating
5 years warranty
■ Features
■ Applications
1600W Rack Mountable Front End Rectifier
RCP-1600 series
Output wattage
Output voltage
Communication protocol option
24
RCP --
1600
Safety: UL/EN/IEC 60950-1
EMC: EN 55032 / 55024
■ Certificates
※ Note: 19" rack shelf, RHP-1U, available.
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
os
3.35
Dimension
L
300
11.8
W
85
H
41(1U)
(1U)
mm
inch
1.61
*
*
*
*
*
*
File Name:RCP-1600-SPEC 2017-09-12
Type
Communication Protocol
CAN
Blank
PMBus protocol
CANBus protocol
Note
By request
In Stock
Series name


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn