Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCP-1600 Datasheet(PDF) 6 Page - Mean Well Enterprises Co., Ltd.

Part No. RCP-1600
Description  1600W Rack Mountable Front End Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

RCP-1600 Datasheet(HTML) 6 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mechanical Specification
Case No.250
Unit:mm
41
Air flow
direction
300
11max.
9max.
12.5
5.8
3.6
CN1
※ Input / Output Connector Pin No. Assignment(
) : Postronic PCIM34W13M400A1
CN1
13579 11
33
2468 10 13
32
34
12
13
11
15
16
14
18
19
17
21
22
20
24
25
23
27
28
26
30
31
29
SVR
7
1600W Rack Mountable Front End Rectifier
RCP-1600 series
Note1: Non-isolated signal, referenced to [-V(signal)].
Note2: Isolated signal, referenced to GND-AUX.
The unit can turn the output ON/OFF by electrical signal or dry contact between
and
. (Note.2)
Remote ON/OFF
+5V-AUX
Short (4.5 ~ 5.5V) : Power ON ; Open (0 ~ 0.5V) : Power OFF ; The maximum input voltage is 5.5V.
Connection for constant current level programming. (Note.1)
Low (-0.1 ~ 0.5V) : When Vout
80%
5%.
≧±
The maximum sourcing current is 10mA and only for output. (Note.2)
Auxiliary voltage output GND. The signal return is isolated from the output terminals (+V & -V).
High (4.5 ~ 5.5V) : When the internal temperature exceeds the limit of temperature alarm, or when fan fails.
Auxiliary voltage output, 4.5~5.5V, referenced to
.
GND-AUX (pin 12)
Auxiliary voltage output, 10.8~13.2V, referenced to
.
GND-AUX (pin 12)
The maximum load current is 0.3A. This output has the built-in "Oring diodes" and is not controlled by the
control.
Remote ON/OFF
The maximum load current is 0.8A. This output has the built-in "Oring diodes" and is not controlled by the
control.
Remote ON/OFF
Connection for output voltage programming. (Note.1)
Positive sensing for remote sense.
Negative sensing for remote sense.
Low (-0.1 ~ 0.5V) : When the internal temperature is normal, and when fan normally works.
The maximum sourcing current is 10mA and only for output. (Note.2)
Description
Positive output terminal.
For PMBus model: Serial Data used in the PMBus interface. (Note.2)
For CANBus model: Data line used in CANBus interface. (Note.2)
For PMBus model: Serial Clock used in the PMBus interface. (Note.2)
For CANBus model: Data line used in CANBus interface. (Note.2)
Low (-0.1 ~ 0.5V) : When the input voltage is
75Vrms.
High (4.5 ~ 5.5V) : When the Vout
80% 5%.
±
The maximum sourcing current is 10mA and only for output(Note.2)
Negative output terminal.
Differential digital signal for parallel control. (Note.1)
PMBus / CANBus interface address lines. (Note.1)
AC Ground connection.
AC Line connection.
AC Neutral connection.
Pin No.
5,7,8,9,10
17
26
15
14
19
18
12
16
13
11
Function
+V
Remote
ON-OFF
PC
SDA
CANH
SCL
CANL
AC-OK
DC-OK
GND-AUX
T-ALARM
+5V-AUX
+12V-AUX
1,2,3,4,6
-V
28
29
24,25
27
30
31
20,21,22,23
+V (Signal)
-V (Signal)
DB,DA
PV
+S
-S
A3,A2,A1,A0
Positive output voltage signal.
Negative output voltage signal.
It is for local sense; it cannot be connected directly to the load.
It is for local sense; and certain function reference; it cannot be connected directly to the load.
32
33
34
FG
AC/L
AC/N
Mating Housing
Postronic PCIM34W13F400A1
29
31
LED
Green
Red
Red (Flashing)
The power supply functions normally.
Description
The LED will present a constant red light when the abnormal status (OTP, OLP, fan fail and charging timeout) arises.
The LED will flash with the red light when the internal temperature reaches 60
; under this condition, the unit still operates normally
without entering OTP. In the meantime, an alarm signal will be sent out through the PMBus interface.)
(
※ LED Status Indicators
High (4.5 ~ 5.5V) : When the input voltage is
87Vrms .
File Name:RCP-1600-SPEC
2017-09-12


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn