Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCP-1600 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part No. RCP-1600
Description  1600W Rack Mountable Front End Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MEANWELL [Mean Well Enterprises Co., Ltd.]
Homepage  http://www.meanwell.com
Logo 

RCP-1600 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1600W Rack Mountable Front End Rectifier
RCP-1600 series
File Name:RCP-1600-SPEC 2017-09-12
3. Constant Current Level Programming (or, PC / remote current programming / dynamic current trim)
Iout
V
0.4 1
4.7 5
20
100
EXTERNAL VOLTAGE (VDC)
Non-Linear
110
※ The constant current level can be trimmed to 20~100% of the rated current by applying EXTERNAL VOLTAGE.
EXTERNAL VOLTAGE (DC)
PIN29 -V(signal)
PIN26 PC
4. Remote ON-OFF Control
5.PMBus Communication Interface
The power supply can be turned ON/OFF individually or along with other units by using the "Remote ON-OFF" function.
RCP-1600 supports PMBus Rev. 1.1 with maximum 100KHz bus speed, allowing information reading, status monitoring, output trimming, etc. For details,
please refer to the Function Manual.
Between Remote ON-OFF and +5V-AUX
Switch Short
Switch Open
Power Supply Status
ON
OFF
switch
PIN13 +5V-AUX
PIN17 Remote ON-OFF
For Remote Sense / Local Sense, please refer to “Voltage Drop Compensation” section.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn